Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 249 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 249 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 245Page - Texas Instruments AM1808AZCED3 Datasheet HTML 246Page - Texas Instruments AM1808AZCED3 Datasheet HTML 247Page - Texas Instruments AM1808AZCED3 Datasheet HTML 248Page - Texas Instruments AM1808AZCED3 Datasheet HTML 249Page - Texas Instruments AM1808AZCED3 Datasheet HTML 250Page - Texas Instruments AM1808AZCED3 Datasheet HTML 251Page - Texas Instruments AM1808AZCED3 Datasheet HTML 252Page - Texas Instruments AM1808AZCED3 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-140. Programmable Real-Time Unit Subsystem (PRUSS) Global Memory Map (continued)
BYTE ADDRESS
REGION
0x01C3 0200 - 0x01C3 1FFF
Reserved
0x01C3 2000 - 0x01C3 21FF
Data RAM 1
0x01C3 2200 - 0x01C3 3FFF
Reserved
0x01C3 4000 - 0x01C3 6FFF
INTC Registers
0x01C3 7000 - 0x01C3 73FF
PRU0 Control Registers
0x01C3 7400 - 0x01C3 77FF
PRU0 Debug Registers
0x01C3 7800 - 0x01C3 7BFF
PRU1 Control Registers
0x01C3 7C00 - 0x01C3 7FFF
PRU1 Debug Registers
0x01C3 8000 - 0x01C3 8FFF
PRU0 Instruction RAM
0x01C3 9000 - 0x01C3 BFFF
Reserved
0x01C3 C000 - 0x01C3 CFFF
PRU1 Instruction RAM
0x01C3 D000 - 0x01C3 FFFF
Reserved
Each of the PRUs can access the rest of the device memory (including memory mapped peripheral and
configuration registers) using the global memory space addresses
6.33.1 PRUSS Register Descriptions
Table 6-141. Programmable Real-Time Unit Subsystem (PRUSS) Control / Status Registers
PRU0 BYTE ADDRESS
PRU1 BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01C3 7000
0x01C3 7800
CONTROL
PRU Control Register
0x01C3 7004
0x01C3 7804
STATUS
PRU Status Register
0x01C3 7008
0x01C3 7808
WAKEUP
PRU Wakeup Enable Register
0x01C3 700C
0x01C3 780C
CYCLCNT
PRU Cycle Count
0x01C3 7010
0x01C3 7810
STALLCNT
PRU Stall Count
PRU Constant Table Block Index
0x01C3 7020
0x01C3 7820
CONTABBLKIDX0
Register 0
PRU Constant Table Programmable
0x01C3 7028
0x01C3 7828
CONTABPROPTR0
Pointer Register 0
PRU Constant Table Programmable
0x01C3 702C
0x01C3 782C
CONTABPROPTR1
Pointer Register 1
PRU Internal General Purpose
0x01C37400 - 0x01C3747C
0x01C3 7C00 - 0x01C3 7C7C
INTGPR0 – INTGPR31
Register 0 (for Debug)
PRU Internal General Purpose
0x01C37480 - 0x01C374FC
0x01C3 7C80 - 0x01C3 7CFC
INTCTER0 – INTCTER31
Register 0 (for Debug)
Table 6-142. Programmable Real-Time Unit Subsystem Interrupt Controller (PRUSS INTC) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01C3 4000
REVID
Revision ID Register
0x01C3 4004
CONTROL
Control Register
0x01C3 4010
GLBLEN
Global Enable Register
0x01C3 401C
GLBLNSTLVL
Global Nesting Level Register
0x01C3 4020
STATIDXSET
System Interrupt Status Indexed Set Register
0x01C3 4024
STATIDXCLR
System Interrupt Status Indexed Clear Register
0x01C3 4028
ENIDXSET
System Interrupt Enable Indexed Set Register
0x01C3 402C
ENIDXCLR
System Interrupt Enable Indexed Clear Register
0x01C3 4034
HSTINTENIDXSET
Host Interrupt Enable Indexed Set Register
0x01C3 4038
HSTINTENIDXCLR
Host Interrupt Enable Indexed Clear Register
0x01C3 4080
GLBLPRIIDX
Global Prioritized Index Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
249
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com