Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 250 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 246Page - Texas Instruments AM1808AZCED3 Datasheet HTML 247Page - Texas Instruments AM1808AZCED3 Datasheet HTML 248Page - Texas Instruments AM1808AZCED3 Datasheet HTML 249Page - Texas Instruments AM1808AZCED3 Datasheet HTML 250Page - Texas Instruments AM1808AZCED3 Datasheet HTML 251Page - Texas Instruments AM1808AZCED3 Datasheet HTML 252Page - Texas Instruments AM1808AZCED3 Datasheet HTML 253Page - Texas Instruments AM1808AZCED3 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-142. Programmable Real-Time Unit Subsystem Interrupt Controller (PRUSS INTC)
Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01C3 4200
STATSETINT0
System Interrupt Status Raw/Set Register 0
0x01C3 4204
STATSETINT1
System Interrupt Status Raw/Set Register 1
0x01C3 4280
STATCLRINT0
System Interrupt Status Enabled/Clear Register 0
0x01C3 4284
STATCLRINT1
System Interrupt Status Enabled/Clear Register 1
0x01C3 4300
ENABLESET0
System Interrupt Enable Set Register 0
0x01C3 4304
ENABLESET1
System Interrupt Enable Set Register 1
0x01C3 4380
ENABLECLR0
System Interrupt Enable Clear Register 0
0x01C3 4384
ENABLECLR1
System Interrupt Enable Clear Register 1
0x01C3 4400 - 0x01C3 4440
CHANMAP0 - CHANMAP15
Channel Map Registers 0-15
0x01C3 4800 - 0x01C3 4808
HOSTMAP0 - HOSTMAP2
Host Map Register 0-2
HOSTINTPRIIDX0 -
0x01C3 4900 - 0x01C3 4928
Host Interrupt Prioritized Index Registers 0-9
HOSTINTPRIIDX9
0x01C3 4D00
POLARITY0
System Interrupt Polarity Register 0
0x01C3 4D04
POLARITY1
System Interrupt Polarity Register 1
0x01C3 4D80
TYPE0
System Interrupt Type Register 0
0x01C3 4D84
TYPE1
System Interrupt Type Register 1
HOSTINTNSTLVL0-
0x01C3 5100 - 0x01C3 5128
Host Interrupt Nesting Level Registers 0-9
HOSTINTNSTLVL9
0x01C3 5500
HOSTINTEN
Host Interrupt Enable Register
250
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com