Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic CS4297 Datasheet HTML 45Page - Cirrus Logic CS4297 Datasheet HTML 46Page - Cirrus Logic CS4297 Datasheet HTML 47Page - Cirrus Logic CS4297 Datasheet HTML 48Page - Cirrus Logic CS4297 Datasheet HTML 49Page - Cirrus Logic CS4297 Datasheet HTML 50Page - Cirrus Logic CS4297 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
CS4202
DS549PP2
47
PR Bit
ADCs
DACs
Mixer
Analog
Reference
AC
Link
Internal
Clock Off
Headphone
PR0
•
PR1
•
PR2
•••
•
PR3
•••
•
•
PR4
•
PR5
••
•
PR6
•
Table 16. Powerdown PR Function Matrix for the CS4202
Power State
IDVdd (mA)
[DVdd=3.3 V]
IDVdd (mA)
[DVdd=5 V]
IAVdd1 (mA)
IAVdd2 (mA)
Full Power + SRC’s
25.2
40.2
31.3
5.1
Full Power + S/PDIF1
30.0
46.6
31.3
5.1
Full Power + HP2
26.4
41.5
32.1
39.5
Full Power
26.4
41.5
31.3
5.1
ADCs off (PR0)
24.0
37.9
23.2
4.9
DACs off (PR1)
24.3
38.4
25.8
5.0
Audio off (PR2)
21.9
34.9
3.8
0 µA
Vref off (PR3)
21.9
34.9
1.5
0 µA
AC-Link off (PR4)
21.8
35.3
31.2
5.1
Internal Clocks off (PR5)
3.8
6.3
19.0
4.6
HP amp off (PR6)
26.3
41.5
29.8
0 µA
Digital off (PR4+PR5)
10 µA
21 µA
19.0
4.6
All off (PR3+PR4+PR5)
10 µA
21 µA
1.3
0 µA
RESET
0.8
1.4
3.6
0 µA
Table 17. Power Consumption by Powerdown Mode for the CS4202
1 Assuming standard resistive load for transformer coupled coaxial S/PDIF output (Rload = 292 Ohm, DVdd
= 3.3 V) (Rload = 415 Ohm, DVdd = 5 V). General: IDVdd S/PDIF = IDVdd + DVdd/Rload/2
2 HP_OUT_L, HP_OUT_R driving 4 Vpp into 32 Ohm resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com