Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 2Page - Cirrus Logic CS4297 Datasheet HTML 3Page - Cirrus Logic CS4297 Datasheet HTML 4Page - Cirrus Logic CS4297 Datasheet HTML 5Page - Cirrus Logic CS4297 Datasheet HTML 6Page - Cirrus Logic CS4297 Datasheet HTML 7Page - Cirrus Logic CS4297 Datasheet HTML 8Page - Cirrus Logic CS4297 Datasheet HTML 9Page - Cirrus Logic CS4297 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
CS4202
6
DS549PP2
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (Standard test conditions unless otherwise noted: T
ambient = 25° C,
AVdd = 5.0 V ±5%, DVdd = 3.3 V ±5%; 1 kHz Input Sine wave; Sample Frequency, Fs = 48 kHz; ZAL=100 kΩ/
1000 pF load for Mono and Line Outputs; CDL = 18 pF load (Note 1); Measurement bandwidth is 20 Hz - 20 kHz,
18-bit linear coding for ADC functions, 20-bit linear coding for DAC functions; Mixer registers set for unity gain.
Notes: 1. ZAL refers to the analog output pin loading and CDL refers to the digital output pin loading.
2. Parameter definitions are given in Section 13, Parameter and Term Definitions.
3. Path refers to the signal path used to generate this data. These paths are defined in Section 13,
Parameter and Term Definitions.
4. This specification is guaranteed by silicon characterization; it is not production tested.
Parameter
(Note 2)
Symbol
Path
(Note 3)
CS4202-JQZ
Unit
Min
Typ
Max
Full Scale Input Voltage
Line Inputs
Mic Inputs
(10dB = 0, 20dB = 0)
Mic Inputs
(10dB = 1, 20dB = 0)
Mic Inputs
(10dB = 0, 20dB = 1)
Mic Inputs
(10dB = 1, 20dB = 1)
A-D
A-D
A-D
A-D
A-D
0.91
0.91
0.283
0.091
0.0283
1.00
1.00
0.315
0.10
0.0315
-
-
-
-
-
VRMS
VRMS
VRMS
VRMS
VRMS
Full Scale Output Voltage
Line and Mono Outputs
Headphone Output
D-A
D-A
0.91
-
1.0
1.4
1.13
-
VRMS
VRMS
Frequency Response
(Note 4)
Analog
Ac = ± 0.25 dB
DAC
Ac = ± 0.25 dB
ADC
Ac = ± 0.25 dB
FR
A-A
D-A
A-D
20
20
20
-
-
-
20,000
20,000
20,000
Hz
Hz
Hz
Dynamic Range
Stereo Analog Inputs to LINE_OUT
Mono Analog Input to LINE_OUT
DAC Dynamic Range
ADC Dynamic Range
DR
A-A
A-A
D-A
A-D
90
85
85
85
95
90
90
90
-
-
-
-
dB FS A
dB FS A
dB FS A
dB FS A
DAC SNR
(-20 dB FS input w/ CCIR-RMS filter on output)
SNR
D-A
-
70
-
dB
Total Harmonic Distortion + Noise
(-3 dB FS input signal):
Line Output
Headphone Output
DAC
ADC
(all inputs)
THD+N
A-A
A-A
D-A
A-D
-
-
-
-
-90
-75
-87
-84
-80
-70
-80
-80
dB FS
dB FS
dB FS
dB FS
Power Supply Rejection Ratio
(1 kHz, 0.5 VRMS w/ 5 V DC offset)
(Note 4)
40
60
-
dB
Interchannel Isolation
70
87
-
dB
Spurious Tone
(Note 4)
-
-100
-
dB FS
Input Impedance
(Note 4)
10
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com