Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 55Page - Cirrus Logic CS4297 Datasheet HTML 56Page - Cirrus Logic CS4297 Datasheet HTML 57Page - Cirrus Logic CS4297 Datasheet HTML 58Page - Cirrus Logic CS4297 Datasheet HTML 59Page - Cirrus Logic CS4297 Datasheet HTML 60Page - Cirrus Logic CS4297 Datasheet HTML 61Page - Cirrus Logic CS4297 Datasheet HTML 62Page - Cirrus Logic CS4297 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
CS4202
DS549PP2
59
AFLT1 - Left ADC Channel Antialiasing Filter, Input, Pin 29
This pin needs a 1000 pF NPO capacitor connected to analog ground.
AFLT2 - Right ADC Channel Antialiasing Filter, Input, Pin 30
This pin needs a 1000 pF NPO capacitor connected to analog ground.
HPCFG - Headphone Configuration, Input, Pin 31
This pin is the configuration control for the signal routing to the headphone amplifier. If this pin is left
floating, the LINE_OUT and HP_OUT pins function as defined in the AC ’97 specification. If the HPCFG
pin is grounded, the HP_OUT pins behave as a buffered line output. In addition, the LINE_OUT pins are
muted, the control register for the headphone output will be the Master Output Volume Register (Index
02h), and PC_BEEP is routed to the HP_OUT pins during RESET. The HPCFG pin is internally pulled
up to the analog supply voltage.
AC-Link Pins
RESET# - AC ’97 Chip Reset, Input, Pin 11
This active low signal is the asynchronous Cold Reset input to the CS4202. The CS4202 must be reset
before it can enter normal operating mode.
SYNC - AC-Link Serial Port Sync Pulse, Input, Pin 10
SYNC is the serial port timing signal for the AC-link. Its period is the reciprocal of the maximum sample
rate, 48 kHz. The signal is generated by the controller and is synchronous to BIT_CLK. SYNC is an
asynchronous input when the CS4202 is configured as a primary codec and is in a PR4 powerdown
state. A series terminating resistor of 47
Ω should be connected on this signal close to the controller.
BIT_CLK - AC-Link Serial Port Master Clock, Input/Output, Pin 6
This input/output signal controls the master clock timing for the AC-link. In primary mode, this signal is a
12.288 MHz output clock derived from either a 24.576 MHz crystal or from the internal PLL based on
the XTL_IN input clock. When the CS4202 is in secondary mode, this signal is an input which controls
the AC-link serial interface and generates all internal clocking including the AC-link serial interface
timing and the analog sampling clocks. A series terminating resistor of 47
Ω should be connected on
this signal close to the CS4202 in primary mode or close to the BIT_CLK source in secondary mode.
SDATA_OUT - AC-Link Serial Data Input Stream to AC ’97, Input, Pin 5
This input signal receives the control information and digital audio output streams. The data is clocked
into the CS4202 on the falling edge of BIT_CLK. A series terminating resistor of 47
Ω should be
connected on this signal close to the controller.
SDATA_IN - AC-Link Serial Data Output Stream from AC ’97, Output, Pin 8
This output signal transmits the status information and digital audio input streams from the ADCs. The
data is clocked out of the CS4202 on the rising edge of BIT_CLK. A series terminating resistor of 47
Ω
should be connected on this signal close to the CS4202.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com