Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic CS4297 Datasheet HTML 43Page - Cirrus Logic CS4297 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
CS4202
40
DS549PP2
4.26
BIOS-Driver Interface Control Registers (Index 70h - 72h)
E[15:0]
Event Configuration. The E[15:0] bits control the BIOS-Driver Interface mechanism.
Default
0000h
The BDI Config Register (Index 70h) enables BIOS-Driver communication for each possible event. If a bit is ‘0’, the
corresponding event will not be communicated. If a bit is ‘1’, the corresponding event will be communicated by as-
serting the BDI bit in input slot 12. If an event occurs, the BIOS will ‘set’ the corresponding bit in the BDI Status Reg-
ister (Index 7Ah). This bit remains ‘set’ until it is cleared by the driver, acknowledging the event has been handled.
This behavior is equivalent to “non-sticky” (level sensitive) GPIO input pins.
The BDI Wakeup Register (Index 72h) provides a mask for determining if a BDI event will generate a wakeup or
GPIO_INT. If a bit is ‘0’, the corresponding event will not generate an interrupt. If a bit is ‘1’, the corresponding event
will generate an interrupt. Refer to the GPIO Pin Wakeup Mask Register (Index 52h) for details about wakeup inter-
rupts.
4.27
BIOS-Driver Interface Status Register (Index 7Ah)
E[15:0]
Event Status. This register, in conjunction with the BIOS-Driver Interface Control Registers
(Index 70h - 72h), controls the BIOS-Driver Interface mechanism.
Default
0000h
The BDI Status Register (Index 7Ah) reflects the state of all possible events. If a bit is ‘0’, the corresponding event
has not occurred or has already been handled by the driver. If a bit is ‘1’, the corresponding event has occurred and
has not been handled by the driver yet. The BDI bit in input slot 12 is a logic OR of all bits in this register ANDed
with their corresponding bit in the BDI Config Register (Index 70h). After handling an event, the driver should clear
it by writing a ‘0’ to the corresponding bit of this register.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com