Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic CS4297 Datasheet HTML 38Page - Cirrus Logic CS4297 Datasheet HTML 39Page - Cirrus Logic CS4297 Datasheet HTML 40Page - Cirrus Logic CS4297 Datasheet HTML 41Page - Cirrus Logic CS4297 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
CS4202
38
DS549PP2
4.24
Misc. Crystal Control Register (Index 60h)
DPC
DAC Phase Control. This bit controls the phase of the PCM stream sent to the DACs (after
SRC). When ‘cleared’ the phase of the signal will remain unchanged. When this bit is ‘set’,
each PCM sample will be inverted before being sent to the DACs.
10dB
Microphone 10 dB Boost. When ‘set’, the 10dB bit enables an additional boost of 10 dB on
the selected microphone input. In combination with the 20dB boost bit in the Microphone Vol-
ume Register (Index 0Eh) this bit allows for variable boost from 0 dB to +30 dB in steps of
10 dB.
CRST
Force Cold Reset. The CRST bit is used as an override to the New Warm Reset behavior
defined during PR4 powerdown. If this bit is ‘set’, an active RESET# signal will force a Cold
Reset to the CS4202 during a PR4 powerdown.
GPOC
General Purpose Output Control. The GPOC bit specifies the mechanism by which the status
of a General Purpose Output pin can be controlled. If this bit is ‘cleared’, the GPO status is
controlled through the standard AC ’97 method of setting the appropriate bits in output
Slot 12. If this bit is ‘set’, the GPO status is controlled through the GPIO Pin Status Register
(Index 54h).
LOSM
Loss of SYNC Mute Enable. The LOSM bit controls the loss of SYNC mute function. If this bit
is ‘set’, the CS4202 will mute all analog outputs for the duration of loss of SYNC. If this bit is
‘cleared’, the mixer will continue to function normally during loss of SYNC. The CS4202 ex-
pects to sample SYNC ‘high’ for 16 consecutive BIT_CLK periods and then ‘low’ for 240 con-
secutive BIT_CLK periods, otherwise loss of SYNC becomes true.
Default
0003h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
DPC
0
0
Reserved
10dB
CRST
0
0
GPOC
Reserved
LOSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com