Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
CS4202
DS549PP2
33
4.15
S/PDIF Control Register (Index 3Ah)
V
Validity. The V bit is mapped to the V bit (bit 28) of every sub-frame. If this bit is ‘clear’, the
signal is suitable for conversion or processing.
DRS
Double Rate S/PDIF. The DRS bit is mapped to bit 27 of the channel status block. This bit
controls support for optional higher sample rate transmission. The CS4202 does not support
double rate S/PDIF transmission, therefore DRS is a read-only bit and always returns ‘0’.
SPSR[1:0]
S/PDIF Sample Rate. The SPSR[1:0] bits are mapped to bits 24 and 25 of the channel status
block. These bits control the S/PDIF transmitter clock rate. The CS4202 only supports trans-
mission at the standard 48 kHz rate, therefore SPSR[1:0] are read-only bits and always
return ‘10’.
L
Generation Status. The L bit is mapped to bit 15 of the channel status block. For category
codes 001xxxx, 0111xxx and 100xxxx, a value of ‘0’ indicates original material and a value of
‘1’ indicates a copy of original material. For all other category codes the definition of the L bit
is reversed.
CC[6:0]
Category Code. The CC[6:0] bits are mapped to bits 8-14 of the channel status block.
PRE
Data Pre-emphasis. The PRE bit is mapped to bit 3 of the channel status block. If the PRE bit
is ‘set’, 50/15 µs filter pre-emphasis is indicated. If the bit is ‘clear’, no pre-emphasis is indi-
cated.
COPY
Copyright. The COPY bit is mapped to bit 2 of the channel status block. If the COPY bit is ‘set’
copyright is not asserted and copying is permitted.
/AUDIO
Audio / Non-Audio. The /AUDIO bit is mapped to bit 1 of the channel status block. If the
/AUDIO bit is ‘clear’, the data transmitted over S/PDIF is assumed to be digital audio. If the
/AUDIO bit is ‘set’, non-audio data is assumed.
PRO
Professional/Consumer. The PRO bit is mapped to bit 0 of the channel status block. If the
PRO bit is ‘clear’, consumer use of the audio control block is indicated. If the bit is ‘set’, pro-
fessional use is indicated.
Default
2000h
For a further discussion of the proper use of the channel status bits see application note AN22: Overview of Digital
Audio Interface Data Structures [3]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
V
DRS SPSR1 SPSR0
L
CC6
CC5
CC4
CC3
CC2
CC1
CC0
PRE
COPY /AUDIO PRO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com