Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 56Page - Cirrus Logic CS4297 Datasheet HTML 57Page - Cirrus Logic CS4297 Datasheet HTML 58Page - Cirrus Logic CS4297 Datasheet HTML 59Page - Cirrus Logic CS4297 Datasheet HTML 60Page - Cirrus Logic CS4297 Datasheet HTML 61Page - Cirrus Logic CS4297 Datasheet HTML 62Page - Cirrus Logic CS4297 Datasheet HTML 63Page - Cirrus Logic CS4297 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
CS4202
60
DS549PP2
Clock and Configuration Pins
XTL_IN - Crystal Input / Clock Input, Pin 2
This pin requires either a 24.576 MHz crystal, with the other pin attached to XTL_OUT, or an external
CMOS clock. XTL_IN must have a crystal or clock source attached for proper operation except when
operating in secondary codec mode. The crystal frequency must be 24.576 MHz and designed for
fundamental mode, parallel resonance operation. If an external CMOS clock is used to drive this pin, it
must run at one of these acceptable frequencies: 14.31818, 24.576, 27, or 48 MHz. When configured as
a secondary codec, all timing is derived from the BIT_CLK input signal and this pin should be left
floating. See Section 9, Clocking, for additional details.
XTL_OUT - Crystal Output / PLL Loop Filter, Pin 3
This pin is used for a crystal placed between this pin and XLT_IN. If an external 24.576 MHz clock is
used on XTL_IN, this pin must be left floating with no traces or components connected to it. If one of
the other acceptable clocks is used on XTL_IN, this pin must be connected to a loop filter circuit. See
Section 9, Clocking, for additional details.
ID1#, ID0# - Codec ID, Inputs, Pins 45 and 46
These pins select the Codec ID for the CS4202, as well as determine the rate of the incoming clock in
PLL mode. They are only sampled after the rising edge of RESET#. These pins are internally pulled up
to the digital supply voltage and should be left floating for logic ‘0’ or tied to digital ground for logic ‘1’.
Misc. Digital Interface Pins
SPDIF_OUT - Sony/Philips Digital Interface, Output, Pin 48
This pin generates the S/PDIF digital output from the CS4202 when the SPDIF bit in the Extended
Audio Status/Control Register (Index 2Ah) is ‘set’. This output may be used to directly drive a resistive
divider and coupling transformer to an RCA-type connector for use with consumer audio equipment.
When this function is not being used this output is driven to a logic ‘0’.
EAPD/SCLK - External Amplifier Powerdown / Serial Clock, Output, Pin 47
This pin is used to control the powerdown state of an audio amplifier external to the CS4202. The
output is controlled by the EAPD bit in the Powerdown Ctrl/Stat Register (Index 26h). It is driven as a
normal CMOS output and defaults low (‘0’) upon power-up. This pin also provides the serial clock for
both serial data ports when the SDSC bit in the Serial Port Control Register (Index 6Ah) is ‘set’.
GPIO0/LRCLK - General Purpose I/O / Left-Right Clock, Input/Output, Pin 43
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also provides the L/R clock for both serial data ports
when the SDEN bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in the
high impedance state for backward compatibility.
GPIO1/SDOUT - General Purpose I/O / Serial Data Output, Input/Output, Pin 44
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also provides the serial data for the first serial data
port when the SDEN bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in
the high impedance state for backward compatibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com