Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 57Page - Cirrus Logic CS4297 Datasheet HTML 58Page - Cirrus Logic CS4297 Datasheet HTML 59Page - Cirrus Logic CS4297 Datasheet HTML 60Page - Cirrus Logic CS4297 Datasheet HTML 61Page - Cirrus Logic CS4297 Datasheet HTML 62Page - Cirrus Logic CS4297 Datasheet HTML 63Page - Cirrus Logic CS4297 Datasheet HTML 64Page - Cirrus Logic CS4297 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
CS4202
DS549PP2
61
GPIO2 - General Purpose I/O, Input/Output, Pin 32
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin powers up in the high impedance state for backward
compatibility.
GPIO3 - General Purpose I/O, Input/Output, Pin 33
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin powers up in the high impedance state for backward
compatibility.
GPIO4/SDO2 - General Purpose I/O / Serial Data Output 2, Input/Output, Pin 34
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also provides the serial data for the second serial data
port when the SDO2 bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in the
high impedance state for backward compatibility.
Power Supply Pins
DVdd1, DVdd2 - Digital Supply Voltage, Pins 1 and 9
Digital supply voltage for the AC-link section of the CS4202. These pins can be tied to +5 V digital or to
+3.3 V digital. The CS4202 and controller’s AC-link should share a common digital supply.
DVss1, DVss2 - Digital Ground, Pins 4 and 7
Digital ground connection for the AC-link section of the CS4202. These pins should be isolated from
analog ground currents.
AVdd1, AVdd2 - Analog Supply Voltage, Pins 25 and 38
Analog supply voltage for the analog and mixed signal section of the CS4202 (AVdd1) as well as the
headphone amplifier (AVdd2). These pins must be tied to the analog +5 V power supply. It is strongly
recommended that +5 V be generated from a voltage regulator to ensure proper supply currents and
noise immunity from the rest of the system.
AVss1, AVss2 - Analog Ground, Pins 26 and 42
Ground connection for the analog, mixed signal, and substrate sections of the CS4202 (AVss1) as well
as the headphone amplifier (AVss2). These pins should be isolated from digital ground currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com