Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4297
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic CS4297 Datasheet HTML 20Page - Cirrus Logic CS4297 Datasheet HTML 21Page - Cirrus Logic CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
CS4202
22
DS549PP2
4.1
Reset Register (Index 00h)
ID8
18-bit ADC Resolution. The ID8 bit is ‘set’, indicating this feature is present.
ID7
20-bit DAC resolution. The ID7 bit is ‘set’, indicating this feature is present.
ID4
Headphone Out. The ID4 bit is ‘set’, indicating this feature is present. The state of this bit de-
pends on the state of the HPCFG pin.
Default
0190h. The data in this register is read-only data.
Any write to this register causes a Register Reset of the audio control (Index 00h - 3Ah) and Cirrus Logic defined
(Index 5Ah - 7Ah) registers. A read from this register returns configuration information about the CS4202.
4.2
Analog Mixer Output Volume Registers (Index 02h - 04h)
Mute
Output Mute. Setting this bit mutes the LINE_OUT_L/R or HP_OUT_L/R output signals.
ML[5:0]
Output Volume Left. These bits control the left output volume. Each step corresponds to 1.5
dB gain adjustment, with a total available range from 0 dB to -46.5 dB attenuation. Setting the
ML5 bit sets the left channel attenuation to -46.5 dB by forcing ML[4:0] to a ‘1’ state. ML[5:0]
will read back 011111 when ML5 has been ‘set’. See Table 2 for further details.
MR[5:0]
Output Volume Right. These bits control the right output volume. Each step corresponds to
1.5 dB gain adjustment, with a total available range from 0 dB to -46.5 dB attenuation. Setting
the MR5 bit sets the right channel attenuation to -46.5 dB by forcing MR[4:0] to a ‘1’ state.
MR[5:0] will read back 011111 when MR5 has been ‘set’. See Table 2 for further details.
Default
8000h. This value corresponds to 0 dB attenuation and Mute ‘set’.
If the HPCFG pin is left floating, register 02h controls the Master Output Volume and register 04h controls the Head-
phone Output Volume. If the HPCFG pin is tied ‘low’, register 02h controls the Headphone Volume and register 04h
is a read-only register and always returns 0000h when ‘read’.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
000
0000
ID8
ID7
0
0
ID4
0000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
0
ML5
ML4ML3
ML2ML1
ML0
0
0
MR5
MR4
MR3
MR2
MR1
MR0
Mx5 - Mx0
Write
Mx5 - Mx0
Read
Gain
Level
000000
000000
0 dB
000001
000001
-1.5 dB
…
…
...
011111
011111
-46.5 dB
100000
011111
-46.5 dB
...
...
...
111111
011111
-46.5 dB
Table 2. Analog Mixer Output Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com