Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 46 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 42Page - Texas Instruments XIO2001 Datasheet HTML 43Page - Texas Instruments XIO2001 Datasheet HTML 44Page - Texas Instruments XIO2001 Datasheet HTML 45Page - Texas Instruments XIO2001 Datasheet HTML 46Page - Texas Instruments XIO2001 Datasheet HTML 47Page - Texas Instruments XIO2001 Datasheet HTML 48Page - Texas Instruments XIO2001 Datasheet HTML 49Page - Texas Instruments XIO2001 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
4.5
Class Code and Revision ID Register
This read-only register categorizes the base class, subclass, and programming interface of the bridge. The
base class is 06h, identifying the device as a bridge. The subclass is 04h, identifying the function as a
PCI-to-PCI bridge, and the programming interface is 00h. Furthermore, the TI device revision is indicated
in the lower byte (03h). See Table 4-4 for a complete description of the register contents.
PCI register offset:
08h
Register type:
Read-only
Default value:
0604 0000
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-4. Class Code and Revision ID Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
BASECLASS
R
Base class. This field returns 06h when read, which classifies the function as a bridge device.
23:16
SUBCLASS
R
Subclass. This field returns 04h when read, which classifies the function as a PCI-to-PCI bridge.
15:8
PGMIF
R
Programming interface. This field returns 00h when read.
7:0
CHIPREV
R
Silicon revision. This field returns the silicon revision of the function.
4.6
Cache Line Size Register
This register is used to determine when a downstream write is memory write (MW) or memory write
invalidate (MWI).
A posted write TLP will normally be sent as a MW on the PCI bus. It will be sent as a MWI when the
following conditions are met:
•
Cacheline size register has a value that is a power of two (1, 2, 4, 8, 16, 32, 64, or 128)
•
The write starts on a cacheline boundary
•
The write is one or more cachelines in length
•
First and last bytes have all lanes enabled
•
Memory write invalidates are enabled
PCI register offset:
0Ch
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
46
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com