Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 78 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments XIO2001 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 4-39. General Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
9:8(1)
MIN_POWER_S
RW
Minimum power scale. This value is programmed to indicate the scale of bits 7:0
CALE
(MIN_POWER_VALUE).
00 = 1.0x
01 = 0.1x
10 = 0.01x (default)
11 = 0.001x
7:0(1)
MIN_POWER_VA
RW
Minimum power value. This value is programmed to indicate the minimum power requirements.
LUE
This value is multiplied by the minimum power scale field (bits 9:8) to determine the minimum
power requirements for the bridge. The default is 5Fh, indicating that the bridge requires 0.95 W
of power. This field can be reprogrammed through an EEPROM or the system BIOS.
4.66 Clock Control Register
This register enables and disables the PCI clock outputs (CLKOUT). See Table 4-40 for a complete
description of the register contents.
PCI register offset:
D8h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4-40. Clock Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
RSVD
R
Reserved. Returns 0b when read.
6 (1)
Clock output 6 disable. This bit disables secondary CLKOUT6.
CLOCK6_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
5(1)
Clock output 5 disable. This bit disables secondary CLKOUT5.
CLOCK5_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
4(1)
Clock output 4 disable. This bit disables secondary CLKOUT4.
CLOCK4_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
3(1)
Clock output 3 disable. This bit disables secondary CLKOUT3.
CLOCK3_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
2(1)
Clock output 2 disable. This bit disables secondary CLKOUT2.
CLOCK2_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
1(1)
Clock output 1 disable. This bit disables secondary CLKOUT1.
CLOCK1_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
0 (1)
Clock output 0 disable. This bit disables secondary CLKOUT0.
CLOCK0_DISABLE
RW
0 = Clock enabled (default)
1 = Clock disabled
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
78
Classic PCI Configuration Space
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com