Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 27 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments XIO2001 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
PCIR
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 3-3. Messages Supported by the Bridge (continued)
MESSAGE
SUPPORTED
BRIDGE ACTION
ERR_FATAL
Yes
Transmitted upstream
Set_Slot_Power_Limit
Yes
Received and processed
Unlock
No
Discarded
Hot plug messages
No
Discarded
Advanced switching messages
No
Discarded
Vendor defined type 0
No
Unsupported request
Vendor defined type 1
No
Discarded
All supported message transactions are processed per the PCI Express Base Specification.
3.4
PCI Bus Interface
3.4.1
I/O Characteristics
Figure 3-4 shows a 3-state bi-directional buffer that represents the I/O cell design for the PCI bus.
Section 7.7, Electrical Characteristics over Recommended Operating Conditions, provides the electrical
characteristics of the PCI bus I/O cell.
NOTE
The PCI bus interface on the bridge meets the ac specifications of the PCI Local Bus
Specification. Additionally, PCI bus terminals (input or I/O) must be held high or low to
prevent them from floating.
Figure 3-4. 3-State Bidirectional Buffer
3.4.2
Clamping Voltage
In the bridge, the PCI bus I/O drivers are powered from the VDD_33 power rail. Plus, the I/O driver cell is
tolerant to input signals with 5-V peak-to-peak amplitudes.
For PCI bus interfaces operating at 50MHz or 66 MHz, all devices are required to output only 3.3-V
peak-to-peak signal amplitudes. For PCI bus interfaces operating at 25-MHz or 33-MHz, devices may
output either 3.3-V or 5-V peak-to-peak signal amplitudes. The bridge accommodates both signal
amplitudes.
Each PCI bus I/O driver cell has a clamping diode connected to the internal VCCP voltage rail that protects
the cell from excessive input voltage. The internal VCCP rail is connected to two PCIR terminals. If the PCI
signaling is 3.3-V, then PCIR terminals are connected to a 3.3-V power supply via a 1k
Ω resistor. If the
PCI signaling is 5-V, then the PCIR terminals are connected to a 5-V power supply via a 1k
Ω resistor.
The PCI bus signals attached to the VCCP clamping voltage are identified as follows
•
Table 2-5, PCI System Terminals, all terminal names except for PME
•
Table 2-7, Miscellaneous Terminals, the terminal name SERIRQ.
Copyright © 2009–2010, Texas Instruments Incorporated
Feature/Protocol Descriptions
27
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com