Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 65 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 61Page - Texas Instruments XIO2001 Datasheet HTML 62Page - Texas Instruments XIO2001 Datasheet HTML 63Page - Texas Instruments XIO2001 Datasheet HTML 64Page - Texas Instruments XIO2001 Datasheet HTML 65Page - Texas Instruments XIO2001 Datasheet HTML 66Page - Texas Instruments XIO2001 Datasheet HTML 67Page - Texas Instruments XIO2001 Datasheet HTML 68Page - Texas Instruments XIO2001 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
4.50 Device Control Register
The device control register controls PCI Express device specific parameters. See Table 4-26 for a
complete description of the register contents.
PCI register offset:
78h
Register type:
Read-only, Read/Write
Default value:
2000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-26. Device Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
CFG_RTRY_ENB
RW
Configuration retry status enable. When this read/write bit is set to 1b, the bridge returns a
completion with completion retry status on PCI Express if a configuration transaction
forwarded to the secondary interface did not complete within the implementation specific
time-out period. When this bit is set to 0b, the bridge does not generate completions with
completion retry status on behalf of configuration transactions. The default value of this bit is
0b.
14:12
MRRS
RW
Maximum read request size. This field is programmed by host software to set the maximum
size of a read request that the bridge can generate. The bridge uses this field to determine
how much data to fetch on a read request. This field is encoded as:
000 = 128B
001 = 256B
010 = 512B (default)
011 = 1024B
100 = 2048B
101 = 4096B
110 = Reserved
111 = Reserved
11
ENS
R
Enable no snoop. This bit is hardwired to 0 since this device never sets the No Snoop attribute
in transactions that it initiates.
10
APPE
RW
Auxiliary power PM enable. This bit has no effect in the bridge.
0 = AUX power is disabled (default)
1 = AUX power is enabled
9
PFE
R
Phantom function enable. Since the bridge does not support phantom functions, this bit is
read-only 0b.
8
ETFE
R
Extended tag field enable. Since the bridge does not support extended tags, this bit is
read-only 0b.
7:5
MPS
RW
Maximum payload size. This field is programmed by host software to set the maximum size of
posted writes or read completions that the bridge can initiate. This field is encoded as:
000 = 128B (default)
001 = 256B
010 = 512B
011 = 1024B
100 = 2048B
101 = 4096B
110 = Reserved
111 = Reserved
4
ERO
R
Enable relaxed ordering. Since the bridge does not support relaxed ordering, this bit is
read-only 0b.
3
URRE
RW
Unsupported request reporting enable. If this bit is set, then the bridge sends an
ERR_NONFATAL message to the root complex when an unsupported request is received.
0 = Do not report unsupported requests to the root complex (default)
1 = Report unsupported requests to the root complex
2
FERE
RW
Fatal error reporting enable. If this bit is set, then the bridge is enabled to send ERR_FATAL
messages to the root complex when a system error event occurs.
0 = Do not report fatal errors to the root complex (default)
1 = Report fatal errors to the root complex
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
65
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com