Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 55 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 51Page - Texas Instruments XIO2001 Datasheet HTML 52Page - Texas Instruments XIO2001 Datasheet HTML 53Page - Texas Instruments XIO2001 Datasheet HTML 54Page - Texas Instruments XIO2001 Datasheet HTML 55Page - Texas Instruments XIO2001 Datasheet HTML 56Page - Texas Instruments XIO2001 Datasheet HTML 57Page - Texas Instruments XIO2001 Datasheet HTML 58Page - Texas Instruments XIO2001 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
4.29
Bridge Control Register
The bridge control register provides extensions to the command register that are specific to a bridge. See
Table 4-17 for a complete description of the register contents.
PCI register offset:
3Eh
Register type:
Read-only, Read/Write, Read/Clear
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-17. Bridge Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:12
RSVD
R
Reserved. Returns 0h when read.
11
DTSERR
RW
Discard timer SERR enable. Applies only in conventional PCI mode. This bit enables the
bridge to generate either an ERR_NONFATAL (by default) or ERR_FATAL transaction on
the primary interface when the secondary discard timer expires and a delayed transaction
is discarded from a queue in the bridge. The severity is selectable only if advanced error
reporting is supported.
0 = Do not generate ERR_NONFATAL or ERR_FATAL on the primary interface as a
result of the expiration of the secondary discard timer. Note that an error message
can still be sent if advanced error reporting is supported and bit 10
(DISCARD_TIMER_MASK) in the secondary uncorrectable error mask register
(offset 130h, see Section 5.11) is clear (default).
1 = Generate ERR_NONFATAL or ERR_FATAL on the primary interface if the
secondary discard timer expires and a delayed transaction is discarded from a
queue in the bridges.
10
DTSTATUS
RCU
Discard timer status. This bit indicates if a discard timer expires and a delayed transaction
is discarded.
0 = No discard timer error
1 = Discard timer error
9
SEC_DT
RW
Selects the number of PCI clocks that the bridge waits for a master on the secondary
interface to repeat a delayed transaction request. The counter starts once the delayed
completion (the completion of the delayed transaction on the primary interface) has
reached the head of the downstream queue of the bridge (i.e., all ordering requirements
have been satisfied and the bridge is ready to complete the delayed transaction with the
initiating master on the secondary bus). If the master does not repeat the transaction
before the counter expires, then the bridge deletes the delayed transaction from its queue
and sets the discard timer status bit.
0 = The secondary discard timer counts 215 PCI clock cycles (default)
1 = The secondary discard timer counts 210 PCI clock cycles
8
PRI_DEC
R
Primary discard timer. This bit has no meaning in PCI Express and is hardwired to 0b.
7
FBB_EN
RW
Fast back-to-back enable. This bit allows software to enable fast back-to-back
transactions on the secondary PCI interface.
0 = Fast back-to-back transactions are disabled (default)
1 = Secondary interface fast back-to-back transactions are enabled
6
SRST
RW
Secondary bus reset. This bit is set when software wishes to reset all devices
downstream of the bridge. Setting this bit causes the PRST signal on the secondary
interface to be asserted.
0 = Secondary interface is not in reset state (default)
1 = Secondary interface is in the reset state
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
55
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com