Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 73 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 69Page - Texas Instruments XIO2001 Datasheet HTML 70Page - Texas Instruments XIO2001 Datasheet HTML 71Page - Texas Instruments XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 4-35. Control and Diagnostic Register 0 Description (continued)
ACCES
BIT
FIELD NAME
S
DESCRIPTION
18
ALT_ERROR_REP
RW
Alternate Error Reporting. This bit controls the method that the XIO2001 uses for error
reporting.
0 = Advisory Non-Fatal Error reporting supported (default)
1 = Advisory Non-Fatal Error reporting not supported
17:16
RSVD
R
Reserved. Returns 00b when read.
15:14(1)
RSVD
RW
Reserved. Bits 15:14 default to 00b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 00b.
13:12
RSVD
R
Reserved. Returns 00b when read.
11:7(1)
RSVD
RW
Reserved. Bits 11:7 default to 00000b. If this register is programmed via EEPROM or
another mechanism, the value written into this field must be 00000b.
6:3
RSVD
R
Reserved. Returns 0h when read.
2(1)
CFG_ACCESS
RW
Configuration access to memory-mapped registers. When this bit is set, the bridge allows
_MEM_REG
configuration access to memory-mapped configuration registers.
1 (1)
RSVD
RW
Reserved. Bit 1 defaults to 0b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0b.
0(1)
FORCE_CLKREQ
RW
Force CLKREQ. When this bit is set, the bridge will force the CLKREQ output to always be
asserted. The default setting for this bit is 1b.
4.62 Control and Diagnostic Register 1
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-36 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C4h
Register type:
Read/Write
Default value:
0012 0108h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
Table 4-36. Control and Diagnostic Register 1 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
32:21
RSVD
R
Reserved. Returns 000h when read.
20:18(1)
L1_EXIT_LAT_A
RW
L1 exit latency for asynchronous clock. When bit 6 (CCC) of the link control register (offset
SYNC
80h, see Section 4.53) is set, the value in this field is mirrored in bits 17:15 (L1_LATENCY)
field in the link capabilities register (offset 7Ch, see Section 4.52). This field defaults to 100b.
17:15(1)
L1_EXIT_LAT_C
RW
L1 exit latency for common clock. When bit 6 (CCC) of the link control register (offset 80h, see
OMMON
Section 4.53) is clear, the value in this field is mirrored in bits 17:15 (L1_LATENCY) field in the
link capabilities register (offset 7Ch, see Section 4.52). This field defaults to 100b.
14:11(1)
RSVD
RW
Reserved. Bits 14:11 default to 0000b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0000b.
10(1)
SBUS_RESET_M
RW
Secondary bus reset bit mask. When this bit is set, the bridge masks the reset caused by bit 6
ASK
(SRST) of the bridge control register (offset 3Eh, see Section 4.29). This bit defaults to 0b.
9:6(1)
L1ASPM_TIMER
RW
L1ASPM entry timer. This field specifies the value (in 512-ns ticks) of the L1ASPM entry timer.
This field defaults to 0100b.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Copyright © 2009–2010, Texas Instruments Incorporated
Classic PCI Configuration Space
73
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com