Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 17 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
Table 2-4. PCI Express Terminals (continued)
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
REFCLK+
C13
C13
93
DI
HS DIFF
VDD_33
Reference clock. REFCLK+ and REFCLK–
IN
comprise the differential input pair for the
–
100-MHz system reference clock. For a
single-ended, 125-MHz system reference clock,
use the REFCLK+ input.
REFCLK–
C12
B13
94
DI
HS DIFF
VDD_33
Reference clock. REFCLK+ and REFCLK–
Capacitor
IN
comprise the differential input pair for the
for VSS for
100-MHz system reference clock. For a
single-
single-ended, 125-MHz system reference clock,
ended node
attach a capacitor from REFCLK– to VSS.
REF0_PCIE
K12
M13
71
I/O
BIAS
–
External reference resistor + and – terminals for
REF1_PCIE
K13
L13
72
setting TX driver current. An external resistance
of 14,532-
Ω is connected between REF0_PCIE
External
and REF1_PCIE terminals. To eliminate the need
resistor
for a custom resistor, two series resistors are
recommended: a 14.3-k
Ω, 1% resistor and a
232-
Ω, 1% resistor.
RXP
E13
E13
87
DI
HS DIFF
VSS
High-speed receive pair. RXP and RXN comprise
RXN
E12
D13
88
IN
–
the differential receive pair for the single PCI
Express lane supported.
TXP
G13
H13
80
DO
HS DIFF
VDD_15
High-speed transmit pair. TXP and TXN comprise
Series
TXN
G12
G13
81
OUT
the differential transmit pair for the single PCI
capacitor
Express lane supported.
WAKE
M13
L12
68
O
LV
VDD_33_
Wake is an active low signal that is driven low to
CMOS
COMBIO
reactivate the PCI Express link hierarchy’s main
power rails and reference clocks.
–
Note: Since WAKE is an open-drain output
buffer, a system side pullup resistor is required.
Table 2-5. PCI System Terminals
ZGU
ZAJ
PNP
I/O
CELL
CLAMP
EXTERNAL
SIGNAL
DESCRIPTION
BALL #
BALL #
PIN #
TYPE
TYPE
RAIL
PARTS
AD31
N05
N05
44
I/O
PCI
PCIR
PCI address data lines
AD30
N04
L05
43
Bus
AD29
L05
M05
42
AD28
M05
N04
41
AD27
N03
N03
40
AD26
M04
L04
39
AD25
N02
M04
38
AD24
M03
N02
37
AD23
L04
L03
35
AD22
M02
M02
34
AD21
L03
N01
32
AD20
M01
L02
31
AD19
L02
K02
30
AD18
L01
M01
29
AD17
K02
K03
28
AD16
K01
L01
26
–
AD15
E01
F02
12
AD14
E02
E03
11
AD13
E03
E01
10
AD12
D01
E02
9
AD11
D02
D01
8
AD10
C01
C01
6
AD9
C02
D02
5
AD8
D03
B01
4
AD7
C03
A01
1
AD6
B02
B03
128
AD5
C04
C03
127
AD4
A02
A02
125
AD3
B03
A03
124
AD2
B04
C04
123
AD1
A03
C05
122
AD0
C05
B04
121
Copyright © 2009–2010, Texas Instruments Incorporated
Overview
17
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com