Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 91 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 87Page - Texas Instruments XIO2001 Datasheet HTML 88Page - Texas Instruments XIO2001 Datasheet HTML 89Page - Texas Instruments XIO2001 Datasheet HTML 90Page - Texas Instruments XIO2001 Datasheet HTML 91Page - Texas Instruments XIO2001 Datasheet HTML 92Page - Texas Instruments XIO2001 Datasheet HTML 93Page - Texas Instruments XIO2001 Datasheet HTML 94Page - Texas Instruments XIO2001 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
5
PCI Express Extended Configuration Space
The programming model of the PCI Express extended configuration space is compliant to the PCI Express
Base Specification and the PCI Express to PCI/PCI-X Bridge Specification programming models. The PCI
Express extended configuration map uses the PCI Express advanced error reporting capability.
All bits marked with a
┦ are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a
┦ are reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset,
PERST, GRST, or the internally-generated power-on reset.
Table 5-1. PCI Express Extended Configuration Register Map
REGISTER NAME
OFFSET
Next capability offset / capability version
PCI Express advanced error reporting capabilities ID
100h
Uncorrectable error status register(1)
104h
Uncorrectable error mask register(1)
108h
Uncorrectable error severity register(1)
10Ch
Correctable error status register(1)
110h
Correctable error mask(1)
114h
Advanced error capabilities and control(1)
118h
Header log register(1)
11Ch
Header log register(1)
120h
Header log register(1)
124h
Header log register(1)
128h
Secondary uncorrectable error status(1)
12Ch
Secondary uncorrectable error mask(1)
130h
Secondary uncorrectable error severity register(1)
134h
Secondary error capabilities and control register(1)
138h
Secondary header log register(1)
13Ch
Secondary header log register(1)
140h
Secondary header log register(1)
144h
Secondary header log register(1)
148h
Reserved
14Ch–FFCh
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
5.1
Advanced Error Reporting Capability ID Register
This read-only register identifies the linked list item as the register for PCI Express advanced error
reporting capabilities. The register returns 0001h when read.
PCI Express extended register offset: 100h
Register type:
Read-only
Default value:
0001h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Copyright © 2009–2010, Texas Instruments Incorporated
PCI Express Extended Configuration Space
91
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com