Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 26 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 22Page - Texas Instruments XIO2001 Datasheet HTML 23Page - Texas Instruments XIO2001 Datasheet HTML 24Page - Texas Instruments XIO2001 Datasheet HTML 25Page - Texas Instruments XIO2001 Datasheet HTML 26Page - Texas Instruments XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
3.3.2
Beacon
The bridge supports the PCI Express in-band beacon feature. Beacon is driven on the upstream PCI
Express link by the bridge to request the reapplication of main power when in the L2 link state. To enable
the beacon feature, bit 10 (BEACON_ENABLE) in the general control register at offset D4h is asserted.
See Section 4.65, General Control Register, for details.
If the bridge is in the L2 link state and beacon is enabled, when a secondary PCI bus device asserts PME,
then the bridge outputs the beacon signal on the upstream PCI Express link. The beacon signal frequency
is approximately 500 kHz ± 50% with a differential peak-to-peak amplitude of 500 mV and no
de-emphasis. Once the beacon is activated, the bridge continues to send the beacon signal until main
power is restored as indicated by PERST going inactive. At this time, the beacon signal is deactivated.
3.3.3
Wake
The bridge supports the PCI Express sideband WAKE feature. WAKE is an active low signal driven by the
bridge to request the reapplication of main power when in the L2 link state. Since WAKE is an
open-collector output, a system-side pullup resistor is required to prevent the signal from floating.
When the bridge is in the L2 link state and PME is received from a device on the secondary PCI bus, the
WAKE signal is asserted low as a wakeup mechanism. Once WAKE is asserted, the bridge drives the
signal low until main power is restored as indicated by PERST going inactive. At this time, WAKE is
deasserted.
3.3.4
Initial Flow Control Credits
The bridge flow control credits are initialized using the rules defined in the PCI Express Base
Specification. Table 3-2 identifies the initial flow control credit advertisement for the bridge.
Table 3-2. Initial Flow Control Credit Advertisements
CREDIT TYPE
INITIAL ADVERTISEMENT
Posted request headers (PH)
8
Posted request data (PD)
128
Non-posted header (NPH)
4
Non-posted data (NPD)
4
Completion header (CPLH)
0 (infinite)
Completion data (CPLD)
0 (infinite)
3.3.5
PCI Express Message Transactions
PCI Express messages are both initiated and received by the bridge. Table 3-3 outlines message support
within the bridge.
Table 3-3. Messages Supported by the Bridge
MESSAGE
SUPPORTED
BRIDGE ACTION
Assert_INTx
Yes
Transmitted upstream
Deassert_INTx
Yes
Transmitted upstream
PM_Active_State_Nak
Yes
Received and processed
PM_PME
Yes
Transmitted upstream
PME_Turn_Off
Yes
Received and processed
PME_TO_Ack
Yes
Transmitted upstream
ERR_COR
Yes
Transmitted upstream
ERR_NONFATAL
Yes
Transmitted upstream
26
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com