Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 10 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 6Page - Exar Corporation XRP7708 Datasheet HTML 7Page - Exar Corporation XRP7708 Datasheet HTML 8Page - Exar Corporation XRP7708 Datasheet HTML 9Page - Exar Corporation XRP7708 Datasheet HTML 10Page - Exar Corporation XRP7708 Datasheet HTML 11Page - Exar Corporation XRP7708 Datasheet HTML 12Page - Exar Corporation XRP7708 Datasheet HTML 13Page - Exar Corporation XRP7708 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
10/27
Rev. 1.0.3
Fig. 15: Temperature Regulation
1.8V out (+/- 1% Vo window)
Fig. 16: Temperature Regulation
1.0V out (+/- 1% Vo window)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com