Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
22/27
Rev. 1.0.3
PHASE SHIFT
Each switching channel can be programmed to a phase shift of the multiples of 90 degrees [for a 4
phase configuration] or 120 degrees [for a 3 phase configuration]. Two or more of the channels
can use the same phase shift, however, it is preferable to run each channel at separate phases.
GPIO PINS
The General Purpose Input Output (GPIO) Pins are the basic interface between the XRP7708 and
the system. Although all of the stored data within the IC can be read back using the I2C bus it is
sometimes convenient to have some of those internal register to be displayed and or controlled by
a single data pin. Besides simple input output functions the GPIO pins can be configured to serve
as external clock inputs. These pins can be programmed using OTP bits or can be programmed
using the I2C bus. This GPIO_CONFIG register allows the user close to 100 different configuration
functions that the GPIO can be programmed to do.
NOTE: the GPIO Pins (and all I/Os) should NOT be driven without a 10K resistor when VIN is not
being applied to the IC.
GPIO Pins Polarity
The polarity of the GPIO pin can be set by using the GPIO_ACT_POL register. This register allows
any GPIO pin whether configured as an input or output to change polarity. Bits [5:0] are used to
set the polarity of GPIO 0 though 5. If the IC operates in I2C mode, then the commands for Bits
[5:4] are ignored.
Supply Rail Enable
Each GPIO can be configured to enable a specific power rail for the system. The GPIOx_CFG
register allows a GPIO to enable/disable any of the following rails controlled by the chip:
•
A single buck power controller
•
The Standby LDO
•
Any mix of the Standby LDO and power controller(s)
When the configured GPIO is asserted externally, the corresponding rails will be enabled, and they
will be similarly disabled when the GPIO is de-asserted. This supply enabling/disabling can also be
controlled through the I2C interface.
Power Good Indicator
The GPIO pins can be configured as Power Good indicators for one or more rails. The GPIO pin is
asserted when all rails configured for this specific IO are within specified limits for regulation. This
information can also be found in the READ_PWRGD_SS_FLAG status register.
Fault and Warning Indication
The GPIOs can be configured to signal Fault or Warning conditions when they occur in the chip.
Each GPIO can be configured to signal one of the following:
•
OCP Fault on Channel 1 - 4
•
OCP Warning on Channel 1 - 4
•
OVP Fault on Channel 1 - 4
•
UVLO Fault on VIN1 or VIN2
•
UVLO Warning on VIN1 or VIN2
•
Over Temperature Fault or Warning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com