Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 17 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 17 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 13Page - Exar Corporation XRP7708 Datasheet HTML 14Page - Exar Corporation XRP7708 Datasheet HTML 15Page - Exar Corporation XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
17/27
Rev. 1.0.3
The XRP7708 also offers an Over-Current warning flag. This warning flag resides in the
READ_OVC_FLAG register. The warning flag bit will be set when the output current gets to within a
specified value of the output current limit threshold enabling the host to reduce power
consumption. The SET_VIOUT_MAX_CHx register allows the warning flag threshold to be set 10mV,
20mV, 30mV or 40mV below VIOUT_MAX. The warning flag will be automatically cleared when the
current drops below the warning threshold.
Over-Current Fault Handling
When an over-current condition occurs, PWM drivers in the corresponding channels are disabled.
After a 200ms timeout, the controller is re-powered and soft-start is initiated. When the over-
current condition is reached the controller will check the SET_FAULT_RESP_CONFIG_LB and
SET_FAULT_RESP_CONFIG_HB to determine whether there are any “following” channels that need
to be similarly restarted. The controller will also set the fault flags in READ_OVC_FAULT_WARN
register.
Typically the over-current fault threshold would be set to 130-140% of the maximum desirable
output current. This will help avoid any over-current conditions caused by transients that would
shut down the output channel.
CHIP OPERATION AND CONFIGURATION
SOFT-START
The SET_SS_RISE_CHx register is a 16 bit register which specifies the soft-start delay and the
ramp characteristics for a specific channel. This register allows the customer to program the
channel with a 250us step resolution and up to a maximum 16ms delay.
Bits [15:10] specify the delay after enabling a channel but before outputting pulses; where each bit
represents 250us steps. Bits [9:0] specify the rise time of the channel; these 10 bits define the
number of microseconds for each 50mV increment to reach the target voltage.
Fig. 19: Channel POwer Up Sequence
SOFT-STOP
The SET_PD_FALL_CHx register is a 16 bit register. This register specifies the soft-stop delay and
ramp (fall-time) characteristics for when the chip receives a channel disable indication from the
Host to shutdown the channel.
Bits [15:10] specify the delay after disabling a channel but before starting the shutdown of the
channel; where each bit represents 250us steps. Bits [9:0] specify the fall time of the channel;
these 10 bits define the number of microseconds for each 50mV increment to reach the discharge
threshold.
 
Enable
Signal
Vout
SS_RISE_CHx
REGISTER
Bit [9:0]
RISE TIME
DELAY
Bit [15:10]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com