Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 19 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 19 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 15Page - Exar Corporation XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
19/27
Rev. 1.0.3
within +/- 5% of the external clock frequency. A higher Main Oscillator frequency will not improve
accuracy or any performance efficiency.
PWM SWITCHING FREQUENCY CONSIDERATIONS
There are several considerations when choosing the PWM switching frequency.
Minimum On Time
Minimum on time determines the minimum duty cycle at the specific switching frequency. The
minimum on time for the XRP7708 is 40ns.
%
100
As an example the minimum duty cycle is 4% for 1MHz PWM frequency. This is important since the
minimum on time dictates the maximum conversion ratio that the PWM controller can achieve.
%
Maximum Duty Cycle
The maximum duty cycle is dictated by the minimum required time to sample the current when the
low side MOSFET is on. For the XRP7708, the minimum required sampling time is about 16 clock
cycles at the main oscillator frequency. When calculating maximum duty cycle, the sampling time
needs to be subtracted using the below equation. For example, if operating at 1MHz using the
32MHz main oscillator frequency, the maximum duty cycle would be:
%
1
16
0.03
100
47%
On the other hand, if the 48MHz main oscillator frequency was chosen for the 1MHz PWM
frequency, the maximum duty cycle would be:
%
1
16
0.03
100
64%
Therefore, it is best to choose the highest main oscillator frequency for a particular PWM frequency
if duty cycle limit might be encountered. The maximum duty cycle for any PWM frequency can
easily be determined using the following table:
Main Oscillator Frequency
Maximum Duty Cycle
48MHz
44.8MHz 41.6MHz 38.4MHz 35.2MHz
32MHz
28.8Mhz 25.6MHz
47%
1.5MHz
1.4MHz
1.3MHz
1.2MHz
1.1MHz
1.0MHz
900KHz
800KHz
64%
1.0MHz
933KHz
867KHz
800KHz
733KHz
667KHz
600KHz
533KHz
72%
750KHz
700KHz
650KHz
600KHz
550KHz
500KHz
450KHz
400KHz
77%
600KHZ
560KHz
520KHz
480KHz
440KHz
400KHz
360KHz
320KHz
80%
500KHz
467KHZ
433KHz
400KHz
367KHz
333KHz
300KHz
NA
83%
429KHZ
400KHZ
370KHz
343KHz
314KHz
NA
NA
NA
85%
375KHz
350KHz
325KHz
300KHz
NA
NA
NA
NA
Fig. 21: PWM Frequency
It is highly recommended that the maximum duty cycle obtained from the table above be
programmed into each of the channels using the SET_DUTY_LIMITER_CHx register. This ensures
that under all conditions (including faults), there will always be sufficient sampling time to measure
the output current. When the duty cycle limit is reached, the output voltage will no longer regulate
and will be clamped based on the maximum duty cycle limit setting.
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com