Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 9Page - Exar Corporation XRP7708 Datasheet HTML 10Page - Exar Corporation XRP7708 Datasheet HTML 11Page - Exar Corporation XRP7708 Datasheet HTML 12Page - Exar Corporation XRP7708 Datasheet HTML 13Page - Exar Corporation XRP7708 Datasheet HTML 14Page - Exar Corporation XRP7708 Datasheet HTML 15Page - Exar Corporation XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
13/27
Rev. 1.0.3
Fig. 17: Power Up Sequence
INTERNAL LDO POWER-UP PHASE – PHASE 1
When the ENABLE pin is set, internal VCC and VDD power up upon the power up of VIN1. Once the
bandgap reference is stable and VCC and VDD fall into the acceptable range, an internal VDDOK
flag is generated. A SYS_RESET remains low for a few clock cycles to reset all the internal
registers. After that the internal CONFIGURATION_TRANSFER signal raises high and the chip
transits to the second phase.
CONFIGURATION TRANSFER PHASE – PHASE 2
In this phase, the contents in the configuration memory are transferred to the internal registers.
The internal oscillator switches to the programed switching frequency. The GPIO pins are properly
configured as either inputs or outputs. If the chip is programmed to run in the I2C mode, GPIO4
and GPIO5 are configured to serve as SDA and SCL for the I2C bus. If chip is programmed to run in
the NON-I2C mode, then these two pins can be used as GPIO4 and GPIO5 respectively.
CHIP READY PHASE – PHASE 3
In this phase, the chip is ready for normal operation. An internal CHIP_READY flag goes high and
enables the I2C to acknowledge the Host’s serial commands. Channels that are configured as
always-on channels are enabled. Channels that are configured to be enabled by GPIOs are also
enabled if the respective GPIO is asserted.
STANDBY LOW DROP-OUT REGULATOR
This 100mA low drop-out regulator can be programmed as 3.3V or 5V in SET_STBLDO_EN_CONFIG
register. Its output is seen on the LDOOUT Pin. This LDO is fully controllable via the Enable Pin
(configured to turn on as soon as power is applied), a GPIO, and/or I2C communication.
ENABLING, DISABLING AND RESET
The XRP7708 is enabled via raising the ENABLE Pin high.
The chip can then be disabled by
lowering the same ENABLE Pin. There is also the capability for resetting the Chip via an I2C
SOFTRESET Command.
For enabling a specific channel, there are several ways that this can be achieved. The chip can be
configured to enable a channel at start-up as the default configuration residing in the non-volatile
configuration memory of the IC. The channels can also be enabled using GPIO pins and/or an I2C
VDDOK
SYS_RESET
VCC
VIN1
VDD
CONFIG_TRANSFER
CHIP_READY
ENABLE_PIN
Phase 2
Phase 1
Phase 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com