Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 3 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation XRP7708 Datasheet HTML 7Page - Exar Corporation XRP7708 Datasheet HTML 8Page - Exar Corporation XRP7708 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
3/27
Rev. 1.0.3
Parameter
Min.
Typ.
Max.
Units
Conditions
LDOOUT Output Voltage
LDO=LOW
3.15
3.3
3.45
V
•
6.5V≤VIN1≤20V
0mA<ILDOOUT<100mA
LDOOUT Output Voltage
LDO=HIGH
4.75
5.0
5.25
V
•
6.5V≤VIN1≤20V
0mA<ILDOOUT<100mA
LDOOUT Short Circuit Current
Limit
110
220
mA
•
VLDOOUT=0V
Auxiliary ADCs
Parameter
Min.
Typ.
Max.
Units
Conditions
Linearity Error Integral
2
LSB
Linearity Error Differential
-1
1
LSB
Input Dynamic Range VIN1
6.5
20
V
•
Input Dynamic Range VIN2
6.5
20
V
•
Isense ADC
Parameter
Min.
Typ.
Max.
Units
Conditions
ADC LSB
5
mV
Referred to the input
Input Dynamic Range
0
-320
mV
PWM Generators and Oscillator
Parameter
Min.
Typ.
Max.
Units
Conditions
Output frequency range
300
1500
kHz
•
Steps defined in the table in the PWM
Switching Frequency Setting section
below
Channel-to-channel phase shift
step
90
deg
Minimum On Time
40
ns
1nF of gate capacitance
Minimum Off Time
125
ns
1nF of gate capacitance
CLOCK IN Synchronization
Range
-5
5
%
•
Digital Input/Output Pins (GPIO0-GPIO5)
3.3V CMOS logic compatible, 5V tolerant
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
•
Input Pin High Level
2.0
V
•
Input Pin Leakage Current
10
µA
•
VIO=3.3V
Input pin Capacitance
5
pF
Output Pin Low Level
0.4
V
•
ISINK=3mA
Output Pin High Level
2.4
V
•
ISOURCE=1mA
Output Pin High Level (no load)
3.3
3.6
V
•
ISOURCE=0mA
I2C Specification
Parameter
Min.
Typ.
Max.
Units
Conditions
I2C Speed
400
kHz
Based upon I2C master clock
Input Pin Low Level, VIL
1.0
V
Input Pin High Level, VIH
2.97
V
Hysteresis of Schmitt Trigger
Inputs, VHYS
0.165
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com