Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation XRP7708 Datasheet HTML 26Page - Exar Corporation XRP7708 Datasheet HTML 27Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
23/27
Rev. 1.0.3
I2C COMMUNICATION
The I2C communication is standard 2-wire communication available between the Host and the IC.
This interface allows for the full control, monitoring, and reconfiguration of the semiconductor.
The I2C Slave address is saved in the NVM. Therefore, each customer can choose the 7-bit Slave
Address which will work best in their design (in relation to any other I2C devices on the bus).
EXTERNAL COMPONENT SELECTION
Inductor Selection
Select the Inductor for inductance L and saturation current Isat. Select an inductor with Isat higher
than the programmed over current limit. Calculate inductance from:
1
1
Where:
Vin is the converter input voltage
Vout is the converter output voltage
fs is the switching frequency
Irip is the inductor peak-to-peak current ripple (nominally set to 30% of Iout)
Keep in mind that a higher Irip results in a smaller inductance value which has the advantages of
smaller size, lower DC equivalent resistance (DCR), and allows the use of a lower output
capacitance to meet a given step load transient. A higher Irip, however, increases the output
voltage ripple, requires higher saturation current limit, and increases critical conduction. Notice
that this critical conduction current is half of Irip.
Capacitor Selection
•
Output Capacitor Selection
Select the output capacitor for voltage rating, capacitance and Equivalent Series Resistance (ESR).
Nominally the voltage rating is selected to be at least twice as large as the output voltage. Select
the capacitance to satisfy the specification for output voltage overshoot/undershoot caused by the
current step load. A sudden decrease in the load current forces the energy surplus in the inductor
to be absorbed by Cout. This causes an overshoot in output voltage that is corrected by power
switch reduced duty cycle. Use the following equation to calculate Cout:
Where:
L is the output inductance
I2 is the step load high current
I1 is the step load low current
Vos is output voltage including the overshoot
Vout is the steady state output voltage
Or it can be expressed approximately by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com