Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 1 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation XRP7708 Datasheet HTML 7Page - Exar Corporation XRP7708 Datasheet HTML 8Page - Exar Corporation XRP7708 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
February 2010
Rev. 1.0.3
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP7708 is a quad-output pulse-width
modulated (PWM) step-down DC-DC controller
with a built-in LDO for standby power and
GPIOs. The device provides a complete power
management solution in one IC and is fully
programmable via an I2C serial interface.
Independent Digital Pulse Width Modulator
(DPWM) channels regulate output voltages
and provide all required protection functions
such as current limiting and over-voltage
protection.
Each output voltage can be programmed from
0.9V to 5.1V without the need of an external
voltage divider. The wide range of the
programmable DPWM switching frequency
(from 300 KHz to 1.5 MHz) enables the user to
optimize between efficiency and component
size. Input voltage range is from 6.5V to 20V.
Two controllers support a load of up to 5A,
while the other two controllers support up to
8A. I2C bus interface is provided to program
the IC as well as to communicate with the host
for fault reporting and handling, power rail
parameters monitoring, etc.
The device offers a complete solution for soft-
start and soft-stop. The start-up delay and
ramp
of
each
PWM
regulator
can
be
independently controlled. The device can start
up a pre-biased PWM channel without causing
large negative inductor current.
APPLICATIONS
• Multi Channel Programmable
Power Supplies
• Audio-Video Equipments
• Industrial & Telecom Equipments
• Processors & DSPs Based Equipments
FEATURES
• 4 Channel Step Down Controller
− 2 x 5A Channels & 2 x 8A Channels
− Programmable Output Voltage 0.9V-5.1V
− Programmable 1.5MHz DPWM Frequency
• 6.5V-20V Single Input Voltage Range
• Up to 6 reconfigurable GPIO pins
• Fully programmable via I2C interface
• Independent Digital Pulse Width
Modulator (DPWM) channels
• Complete power monitoring and
reporting
• Full On Board Protection
OTP, UVLO, OCP and OVP
• Built-in 3.3V/5V LDO
• Configuration development tools
• Green/Halogen Free 40-pin TQFN
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP7708 Application Diagram


Similar Part No. - XRP7708

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708 Datasheet
2Mb / 6P
Exar?셲 PowerXR D igital Power Solutions
XRP7708 EXAR-XRP7708 Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
XRP7708EVB EXAR-XRP7708EVB Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
XRP7708ILB-F EXAR-XRP7708ILB-F Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
XRP7708ILBTR-F EXAR-XRP7708ILBTR-F Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
More results

Similar Description - XRP7708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
ONE-CHANNEL STEP-DOWN PWM CONTROLLER
V 1.0
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Exar Corporation
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
Quad Channel Digital PWM Step Down Controller
XRP7714_1009 EXAR-XRP7714_1009 Datasheet
955Kb / 29P
Quad Channel Digital PWM Step Down Controller
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
Three Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com