Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 18 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 14Page - Exar Corporation XRP7708 Datasheet HTML 15Page - Exar Corporation XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
18/27
Rev. 1.0.3
Fig. 20: Channel Soft-Stop Sequence
POWER GOOD FLAG
The XRP7708 allows the user to set the upper and lower bound for a power good signal per
channel.
The
SET_PWRG_TARG_MAX_CHx
register
sets
the
upper
bound,
the
SET_PWRG_TARG_MIN_CHx register sets the lower bound. Each register has a 20mV LSB
resolution. When the output voltage is within bounds the power good signal is asserted high.
Typically the upper bound should be lower than the over-voltage threshold. In addition, the power
good signal can be delayed by a programmable amount set in the SET_PWRGD_DLY_CHx register.
The power good delay is only set after the soft-start period is finished. If the channel has a pre-
charged condition that falls into the power good region, a power good flag is not set until the soft-
start is finished.
PWM SWITCHING FREQUENCY
The PWM switching frequency is set by choosing the corresponding oscillator frequency and clock
divider ratio in the SET_SW_FREQUENCY register. Bits [6:4] set the oscillator frequency and bits
[2:0] set the clock divider. The tables below summarize the available Main Oscillator and PWM
switching frequency settings in the XRP7708.
Main Oscillator Frequency
SET_SW_FREQUENCY[6:4]
000
001
010
011
100
101
110
111
Main Oscillator Frequency
48MHz
44.8MHz 41.6MHz 38.4MHz 35.2MHz
32MHz
28.8Mhz 25.6MHz
Ts
20.8ns
22.3ns
24ns
26ns
28.4ns
31.25ns
34.7ns
39ns
PWM Switching Frequency
SET_SW_FREQUENCY[6:4]
SET_SW_FREQUENCY[2:0]
000
001
010
011
100
101
110
111
000
NA
NA
NA
NA
NA
NA
NA
NA
001
1.5MHz
1.4MHz
1.3MHz
1.2MHz
1.1MHz
1.0MHz
900KHz
800KHz
010
1.0MHz
933KHz
867KHz
800KHz
733KHz
667KHz
600KHz
533KHz
011
750KHz
700KHz
650KHz
600KHz
550KHz
500KHz
450KHz
400KHz
100
600KHZ
560KHz
520KHz
480KHz
440KHz
400KHz
360KHz
320KHz
101
500KHz
467KHZ
433KHz
400KHz
367KHz
333KHz
300KHz
NA
110
429KHZ
400KHZ
370KHz
343KHz
314KHz
NA
NA
NA
111
375KHz
350KHz
325KHz
300KHz
NA
NA
NA
NA
There are a number of options that could result in similar PWM switching frequency as shown
above. In general, the chip consumes less power at lower oscillator frequency. When
synchronization to external clock is needed, the user can choose the oscillator frequency to be
 
DELAY
FALL TIME
Bit [15:10]
Bit [9:0]
Vout
Enable
Signal
PD_DELAY_CHx
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com