Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 52 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 48Page - STMicroelectronics M24LR64-R Datasheet HTML 49Page - STMicroelectronics M24LR64-R Datasheet HTML 50Page - STMicroelectronics M24LR64-R Datasheet HTML 51Page - STMicroelectronics M24LR64-R Datasheet HTML 52Page - STMicroelectronics M24LR64-R Datasheet HTML 53Page - STMicroelectronics M24LR64-R Datasheet HTML 54Page - STMicroelectronics M24LR64-R Datasheet HTML 55Page - STMicroelectronics M24LR64-R Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 126 page
background image
M24LR64-R to VCD frames
M24LR64-R
52/126
Doc ID 15170 Rev 9
12.7
EOF when using one subcarrier
12.8
High data rate
The EOF comprises a logic 0 that includes 8 pulses at 423.75 kHz and an unmodulated time
of 18.88 µs, followed by 24 pulses at 423.75 kHz (fC/32), and by an unmodulated time of
56.64 µs as shown in Figure 41.
Figure 41.
End of frame, high data rate, one subcarriers
For the Fast commands, the EOF comprises a logic 0 that includes 4 pulses at 423.75 kHz
and an unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz (fC/32) and an
unmodulated time of 37.76 µs as shown in Figure 42.
Figure 42.
End of frame, high data rate, one subcarriers x2
12.9
Low data rate
The EOF comprises a logic 0 that includes 32 pulses at 423.75 kHz and an unmodulated
time of 75.52 µs, followed by 96 pulses at 423.75 kHz (fC/32) and an unmodulated time of
226.56 µs as shown in Figure 43.
Figure 43.
End of frame, low data rate, one subcarriers
For the Fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz
and an unmodulated time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC/32) and an
unmodulated time of 113.28 µs as shown in Figure 44.
Figure 44.
End of frame, low data rate, one subcarriers x2
113.28µs
ai12084
37.76µs
56.64µs
ai12085
18.88µs
453.12µs
ai12086
151.04µs
226.56µs
ai12087
75.52µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com