Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 82 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 82 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 78Page - STMicroelectronics M24LR64-R Datasheet HTML 79Page - STMicroelectronics M24LR64-R Datasheet HTML 80Page - STMicroelectronics M24LR64-R Datasheet HTML 81Page - STMicroelectronics M24LR64-R Datasheet HTML 82Page - STMicroelectronics M24LR64-R Datasheet HTML 83Page - STMicroelectronics M24LR64-R Datasheet HTML 84Page - STMicroelectronics M24LR64-R Datasheet HTML 85Page - STMicroelectronics M24LR64-R Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
Commands codes
M24LR64-R
82/126
Doc ID 15170 Rev 9
26.6
Select
When receiving the Select command:
●
if the UID is equal to its own UID, the M24LR64-R enters or stays in the Selected state
and sends a response.
●
if the UID does not match its own, the selected M24LR64-R returns to the Ready state
and does not send a response.
The M24LR64-R answers an error code only if the UID is equal to its own UID. If not, no
response is generated. If an error occurs, the M24LR64-R remains in its current state.
Request parameter:
●
UID
Response parameter:
●
No parameter.
Response parameter:
●
Error code as Error_flag is set:
–
03h: the option is not supported
–
0Fh: error with no information given
Table 48.
Select request format
Request
SOF
Request_
flags
Select
UID
CRC16
Request
EOF
8 bits
25h
64 bits
16 bits
Table 49.
Select Block response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 50.
Select response format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits
Figure 56.
Select frame exchange between VCD and M24LR64-R
VCD
SOF
Select
request
EOF
M24LR64
-R
<-t1-> SOF
Select
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com