Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 46 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 42Page - STMicroelectronics M24LR64-R Datasheet HTML 43Page - STMicroelectronics M24LR64-R Datasheet HTML 44Page - STMicroelectronics M24LR64-R Datasheet HTML 45Page - STMicroelectronics M24LR64-R Datasheet HTML 46Page - STMicroelectronics M24LR64-R Datasheet HTML 47Page - STMicroelectronics M24LR64-R Datasheet HTML 48Page - STMicroelectronics M24LR64-R Datasheet HTML 49Page - STMicroelectronics M24LR64-R Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
Communications signal from M24LR64-R to VCD
M24LR64-R
46/126
Doc ID 15170 Rev 9
10
Communications signal from M24LR64-R to VCD
The M24LR64-R has several modes defined for some parameters, owing to which it can
operate in different noise environments and meet different application requirements.
10.1
Load modulation
The M24LR64-R is capable of communication to the VCD via an inductive coupling area
whereby the carrier is loaded to generate a subcarrier with frequency fS. The subcarrier is
generated by switching a load in the M24LR64-R.
The load-modulated amplitude received on the VCD antenna must be of at least 10mV
when measured as described in the test methods defined in International Standard
ISO10373-7.
10.2
Subcarrier
The M24LR64-R supports the one-subcarrier and two-subcarrier response formats. These
formats are selected by the VCD using the first bit in the protocol header. When one
subcarrier is used, the frequency fS1 of the subcarrier load modulation is 423.75 kHz (fC/32).
When two subcarriers are used, the frequency fS1 is 423.75 kHz (fC/32), and frequency fS2
is 484.28 kHz (fC/28). When using the two-subcarrier mode, the M24LR64-R generates a
continuous phase relationship between fS1 and fS2.
10.3
Data rates
The M24LR64-R can respond using the low or the high data rate format. The selection of
the data rate is made by the VCD using the second bit in the protocol header. It also
supports the x2 mode available on all the Fast commands. Table 17 shows the different data
rates produced by the M24LR64-R using the different response format combinations.
Table 17.
Response data rates
Data rate
One subcarrier
Two subcarriers
Low
Standard commands
6.62 Kbit/s (fc/2048)
6.67 Kbit/s (fc/2032)
Fast commands
13.24 Kbit/s (fc/1024)
not applicable
High
Standard commands
26.48 Kbit/s (fc/512)
26.69 Kbit/s (fc/508)
Fast commands
52.97 Kbit/s (fc/256)
not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com