Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 32 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 28Page - STMicroelectronics M24LR64-R Datasheet HTML 29Page - STMicroelectronics M24LR64-R Datasheet HTML 30Page - STMicroelectronics M24LR64-R Datasheet HTML 31Page - STMicroelectronics M24LR64-R Datasheet HTML 32Page - STMicroelectronics M24LR64-R Datasheet HTML 33Page - STMicroelectronics M24LR64-R Datasheet HTML 34Page - STMicroelectronics M24LR64-R Datasheet HTML 35Page - STMicroelectronics M24LR64-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
I2C device operation
M24LR64-R
32/126
Doc ID 15170 Rev 9
Figure 11.
Write mode sequences with I2C_Write_Lock bit = 0 (data write enabled)
Figure 12.
Write cycle polling flowchart using ACK
Byte Write
Dev Select
Byte address
Byte address
Data in
Page Write
Dev Select
Byte address
Byte address
Data in 1
Data in 2
AI15116
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
Write cycle
in progress
AI01847d
Next
operation is
addressing the
memory
Start condition
Device select
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReStart
Stop
Data for the
Write operation
Device select
with RW = 1
Send address
and receive ACK
First byte of instruction
with RW = 0 already
decoded by the device
YES
NO
Start
condition
Continue the
Write operation
Continue the
Random Read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com