Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 27Page - STMicroelectronics M24LR64-R Datasheet HTML 28Page - STMicroelectronics M24LR64-R Datasheet HTML 29Page - STMicroelectronics M24LR64-R Datasheet HTML 30Page - STMicroelectronics M24LR64-R Datasheet HTML 31Page - STMicroelectronics M24LR64-R Datasheet HTML 32Page - STMicroelectronics M24LR64-R Datasheet HTML 33Page - STMicroelectronics M24LR64-R Datasheet HTML 34Page - STMicroelectronics M24LR64-R Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 126 page
background image
M24LR64-R
I2C device operation
Doc ID 15170 Rev 9
31/126
5.6
Write operations
Following a Start condition the bus master sends a device select code with the Read/Write
bit (RW) reset to 0. The device acknowledges this, as shown in Figure 11, and waits for two
address bytes. The device responds to each address byte with an acknowledge bit, and
then waits for the data byte.
Writing to the memory may be inhibited if the I2C_Write_Lock bit = 1. A Write instruction
issued with the I2C_Write_Lock bit = 1 and with no I2C_Password presented, does not
modify the memory contents, and the accompanying data bytes are not acknowledged, as
shown in Figure 10.
Each data byte in the memory has a 16-bit (two byte wide) address. The most significant
byte (Table 3) is sent first, followed by the least significant byte (Table 4). Bits b15 to b0 form
the address of the byte in memory.
When the bus master generates a Stop condition immediately after the Ack bit (in the “10th
bit” time slot), either at the end of a Byte Write or a Page Write, the internal write cycle is
triggered. A Stop condition at any other time slot does not trigger the internal write cycle.
After the Stop condition, the delay tW, and the successful completion of a Write operation,
the device’s internal address counter is incremented automatically, to point to the next byte
address after the last one that was modified.
During the internal write cycle, Serial Data (SDA) is disabled internally, and the device does
not respond to any requests.
5.7
Byte Write
After the device select code and the address bytes, the bus master sends one data byte. If
the addressed location is write-protected by the I2C_Write_Lock bit (= 1), the device replies
with NoAck, and the location is not modified. If, instead, the addressed location is not Write-
protected, the device replies with Ack. The bus master terminates the transfer by generating
a Stop condition, as shown in Figure 11.
5.8
Page Write
The Page Write mode allows up to 4 bytes to be written in a single Write cycle, provided that
they are all located in the same “row” in the memory: that is, the most significant memory
address bits (b12-b2) are the same. If more bytes are sent than will fit up to the end of the
row, a condition known as ‘roll-over’ occurs. This should be avoided, as data starts to
become overwritten in an implementation dependent way.
The bus master sends from 1 to 4 bytes of data, each of which is acknowledged by the
device if the I2C_Write_Lock bit = 0 or the I2C_Password was correctly presented. If the
I2C_Write_Lock_bit = 1 and the I2C_password is not presented, the contents of the
addressed memory location are not modified, and each data byte is followed by a NoAck.
After each byte is transferred, the internal byte address counter (inside the page) is
incremented. The transfer is terminated by the bus master generating a Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com