Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 51 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 47Page - STMicroelectronics M24LR64-R Datasheet HTML 48Page - STMicroelectronics M24LR64-R Datasheet HTML 49Page - STMicroelectronics M24LR64-R Datasheet HTML 50Page - STMicroelectronics M24LR64-R Datasheet HTML 51Page - STMicroelectronics M24LR64-R Datasheet HTML 52Page - STMicroelectronics M24LR64-R Datasheet HTML 53Page - STMicroelectronics M24LR64-R Datasheet HTML 54Page - STMicroelectronics M24LR64-R Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 126 page
background image
M24LR64-R
M24LR64-R to VCD frames
Doc ID 15170 Rev 9
51/126
For the Fast commands, the SOF comprises an unmodulated time of 113.28 µs, followed by
48 pulses at 423.75 kHz (fC/32), and a logic 1 that includes an unmodulated time of 37.76 µs
followed by 16 pulses at 423.75 kHz as shown in Figure 38.
Figure 38.
Start of frame, low data rate, one subcarrier x2
12.4
SOF when using two subcarriers
12.5
High data rate
The SOF comprises 27 pulses at 484.28 kHz (fC/28), followed by 24 pulses at 423.75 kHz
(fC/32), and a logic 1 that includes 9 pulses at 484.28 kHz followed by 8 pulses at
423.75 kHz as shown in Figure 39.
For the Fast commands, the x2 mode is not available.
Figure 39.
Start of frame, high data rate, two subcarriers
12.6
Low data rate
The SOF comprises 108 pulses at 484.28 kHz (fC/28), followed by 96 pulses at 423.75 kHz
(fC/32), and a logic 1 that includes 36 pulses at 484.28 kHz followed by 32 pulses at
423.75 kHz as shown in Figure 40.
For the Fast commands, the x2 mode is not available.
Figure 40.
Start of frame, low data rate, two subcarriers
226.56µs
ai12081
75.52µs
112.39µs
ai12082
37.46µs
449.56µs
ai12083
149.84µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com