Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 12 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 8Page - STMicroelectronics M24LR64-R Datasheet HTML 9Page - STMicroelectronics M24LR64-R Datasheet HTML 10Page - STMicroelectronics M24LR64-R Datasheet HTML 11Page - STMicroelectronics M24LR64-R Datasheet HTML 12Page - STMicroelectronics M24LR64-R Datasheet HTML 13Page - STMicroelectronics M24LR64-R Datasheet HTML 14Page - STMicroelectronics M24LR64-R Datasheet HTML 15Page - STMicroelectronics M24LR64-R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 126 page
background image
Description
M24LR64-R
12/126
Doc ID 15170 Rev 9
1
Description
The M24LR64-R device is a dual-interface, electrically erasable programmable memory
(EEPROM). It features an I2C interface and can be operated from a VCC power supply. It is
also a contactless memory powered by the received carrier electromagnetic wave.
The M24LR64-R is organized as 8192 × 8 bits in the I2C mode and as 2048 × 32 bits in the
ISO 15693 and ISO 18000-3 mode 1 RF mode.
Figure 1.
Logic diagram
I2C uses a two-wire serial interface, comprising a bidirectional data line and a clock line. The
devices carry a built-in 4-bit device type identifier code (1010) in accordance with the I2C
bus definition.
The device behaves as a slave in the I2C protocol, with all memory operations synchronized
by the serial clock. Read and Write operations are initiated by a Start condition, generated
by the bus master. The Start condition is followed by a device select code and Read/Write
bit (RW) (as described in Table 2), terminated by an acknowledge bit.
When writing data to the memory, the device inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a Stop condition after an Ack for Write, and after a NoAck for Read.
In the ISO15693/ISO18000-3 mode 1 RF mode, the M24LR64-R is accessed via the
13.56 MHz carrier electromagnetic wave on which incoming data are demodulated from the
received signal amplitude modulation (ASK: amplitude shift keying). The received ASK wave
is 10% or 100% modulated with a data rate of 1.6 Kbit/s using the 1/256 pulse coding mode
or a data rate of 26 Kbit/s using the 1/4 pulse coding mode.
Outgoing data are generated by the M24LR64-R load variation using Manchester coding
with one or two subcarrier frequencies at 423 kHz and 484 kHz. Data are transferred from
the M24LR64-R at 6.6 Kbit/s in low data rate mode and 26 Kbit/s high data rate mode. The
M24LR64-R supports the 53 Kbit/s in high data rate mode in one subcarrier frequency at
423 kHz.
The M24LR64-R follows the ISO 15693 and ISO 18000-3 mode 1 recommendation for
radio-frequency power and signal interface.
AI15106b
2
E0-E1
SDA
VCC
M24LR64-R
SCL
VSS
AC0
AC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com