Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 38 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 34Page - STMicroelectronics M24LR64-R Datasheet HTML 35Page - STMicroelectronics M24LR64-R Datasheet HTML 36Page - STMicroelectronics M24LR64-R Datasheet HTML 37Page - STMicroelectronics M24LR64-R Datasheet HTML 38Page - STMicroelectronics M24LR64-R Datasheet HTML 39Page - STMicroelectronics M24LR64-R Datasheet HTML 40Page - STMicroelectronics M24LR64-R Datasheet HTML 41Page - STMicroelectronics M24LR64-R Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 126 page
background image
RF device operation
M24LR64-R
38/126
Doc ID 15170 Rev 9
7.2
Initial dialog for vicinity cards
The dialog between the vicinity coupling device or VCD (commonly the “RF reader”) and the
vicinity integrated circuit card or VICC (M24LR64-R) takes place as follows:
●
activation of the M24LR64-R by the RF operating field of the VCD
●
transmission of a command by the VCD
●
transmission of a response by the M24LR64-R
These operations use the RF power transfer and communication signal interface described
below (see Power transfer, Frequency and Operating field). This technique is called RTF
(Reader Talk First).
7.2.1
Power transfer
Power is transferred to the M24LR64-R by radio frequency at 13.56 MHz via coupling
antennas in the M24LR64-R and the VCD. The RF operating field of the VCD is transformed
on the M24LR64-R antenna to an AC Voltage which is rectified, filtered and internally
regulated. The amplitude modulation (ASK) on this received signal is demodulated by the
ASK demodulator.
7.2.2
Frequency
The ISO 15693 standard defines the carrier frequency (fC) of the operating field as
13.56 MHz ±7 kHz.
7.2.3
Operating field
The M24LR64-R operates continuously between the minimum and maximum values of the
electromagnetic field H defined in Table 105. The VCD has to generate a field within these
limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com