Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 56 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 56 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 52Page - STMicroelectronics M24LR64-R Datasheet HTML 53Page - STMicroelectronics M24LR64-R Datasheet HTML 54Page - STMicroelectronics M24LR64-R Datasheet HTML 55Page - STMicroelectronics M24LR64-R Datasheet HTML 56Page - STMicroelectronics M24LR64-R Datasheet HTML 57Page - STMicroelectronics M24LR64-R Datasheet HTML 58Page - STMicroelectronics M24LR64-R Datasheet HTML 59Page - STMicroelectronics M24LR64-R Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Data storage format identifier (DSFID)
M24LR64-R
56/126
Doc ID 15170 Rev 9
15
Data storage format identifier (DSFID)
The data storage format identifier indicates how the data is structured in the M24LR64-R
memory. The logical organization of data can be known instantly using the DSFID. It can be
programmed and locked using the Write DSFID and Lock DSFID commands.
15.1
CRC
The CRC used in the M24LR64-R is calculated as per the definition in ISO/IEC 13239. The
initial register contents are all ones: “FFFF”.
The two-byte CRC are appended to each request and response, within each frame, before
the EOF. The CRC is calculated on all the bytes after the SOF up to the CRC field.
Upon reception of a request from the VCD, the M24LR64-R verifies that the CRC value is
valid. If it is invalid, the M24LR64-R discards the frame and does not answer to the VCD.
Upon reception of a Response from the M24LR64-R, it is recommended that the VCD
verifies whether the CRC value is valid. If it is invalid, actions to be performed are left to the
discretion of the VCD designer.
The CRC is transmitted least significant byte first. Each byte is transmitted least significant
bit first.
Table 19.
CRC transmission rules
LSByte
MSByte
LSBit
MSBit
LSBit
MSBit
CRC 16 (8 bits)
CRC 16 (8 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com