Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 115 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 115 Page - STMicroelectronics

Back Button M24LR64-R Datasheet HTML 111Page - STMicroelectronics M24LR64-R Datasheet HTML 112Page - STMicroelectronics M24LR64-R Datasheet HTML 113Page - STMicroelectronics M24LR64-R Datasheet HTML 114Page - STMicroelectronics M24LR64-R Datasheet HTML 115Page - STMicroelectronics M24LR64-R Datasheet HTML 116Page - STMicroelectronics M24LR64-R Datasheet HTML 117Page - STMicroelectronics M24LR64-R Datasheet HTML 118Page - STMicroelectronics M24LR64-R Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 126 page
background image
M24LR64-R
RF DC and AC parameters
Doc ID 15170 Rev 9
115/126
29
RF DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device in RF mode. The parameters in the DC and AC Characteristic
tables that follow are derived from tests performed under the Measurement Conditions
summarized in the relevant tables. Designers should check that the operating conditions in
their circuit match the measurement conditions when relying on the quoted parameters.
Table 105. RF AC characteristics(1) (2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fCC
External RF signal frequency
13.553
13.56
13.567 MHz
H_ISO
Operating field according to ISO
TA = 0 °C to 50 °C
150
5000
mA/
m
H_Extended
Operating field in extended
temperature range
TA = –40 °C to 85 °C
150
3500
mA/
m
MICARRIER
10% carrier modulation index(3) (4)
MI=(A-B)/(A+B)
150 mA/m > H_ISO > 1000
mA/m
15
30
%
H_ISO > 1000 mA/m
10
30
tRFR,tRFF
10% rise and fall time
0.5
3.0
µs
tRFSBL
10% minimum pulse width for bit
7.1
9.44
µs
MICARRIER
100% carrier modulation index
MI=(A-B)/(A+B)
95
100
%
tRFR,tRFF
100% rise and fall time
0.5
3.5
µs
tRFSBL
100% minimum pulse width for bit
7.1
9.44
µs
tJIT
Bit pulse jitter
-2
+2
µs
tMIN CD
Minimum time from carrier
generation to first data
From H-field min
0.1
1
ms
fSH
Subcarrier frequency high
FCC/32
423.75
kHz
fSL
Subcarrier frequency low
FCC/28
484.28
kHz
t1
Time for M24LR64-R response
4224/FS
318.6
320.9
323.3
µs
t2
Time between commands
4224/FS
309
311.5
314
µs
Wt
RF write time (including internal
Verify)
5.75
ms
1.
TA = –40 to 85 °C.
2.
All timing measurements were performed between 0 °C and 50 °C on a reference antenna with the following
characteristics:
External size: 75 mm x 48 mm
Number of turns: 5
Width of conductor: 5 mm
Space between 2 conductors: 0.3 mm
Value of the tuning capacitor in SO8: 27.5 pF (M24LR64-R)
Value of the coil: 5 µH
Tuning frequency: 13.56 MHz.
3.
Characterized only, not 100% tested
4.
15% (or more) carrier modulation index offers a better signal/noise ratio and therefore a wider operating range with a better
noise immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com