Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 20Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 21Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 22Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 23Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 24Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 25Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 26Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 27Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
24 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
9.
Instructions
Only two PCF2113x registers, the Instruction Register (IR) and the Data Register (DR),
can be directly controlled by the microcontroller. Before internal operation, control
information is stored temporarily in these registers to allow interfacing to various types of
microcontrollers which operate at different speeds or to allow interfacing to peripheral
control ICs.
The instruction set for I2C-bus commands is given in Table 9. Section 11.2.1 discusses
how these control and command bytes are embedded in the I2C-bus protocol.
[1]
R/W is set together with the slave address.
[2]
For explanation, see Table 11.
The PCF2113x operation is controlled by the instructions shown in Table 10 together with
their execution time. Details are explained in subsequent sections.
Table 8.
State after reset
Step
Function
Control bit state
Conditions
1
clear display
2
entry mode set
I/D = 1
+1 (increment)
S = 0
no shift
3
display control
D = 0
display off
C = 0
cursor off
B = 0
cursor character blink off
4
function set
DL = 1
8-bit interface
M = 0
1-line display
H = 0
normal instruction set
SL = 0
MUX 1:18 mode
5
default address pointer
to DDRAM
the Busy Flag (BF) indicates
the busy state (BF = 1) until
initialization ends
the busy state lasts 2 ms; the chip
may also be initialized by software;
see Table 26 (8-bit interface) and
Table 27 (4-bit interface).
6
icon control
IM = 0; IB = 0; DM = 0
icons, icon blink and Direct mode
disabled
7
display or screen
configuration
L = 0; P = 0; Q = 0
default configurations
8VLCD temperature
coefficient
TC1 = 0; TC2 = 0
default temperature coefficient
9
set VLCD
VA = 0; VB = 0
VLCD generator off
10
I2C-bus interface reset
11
set HVgen stages
S1 = 1; S0 = 0
VLCD generator voltage multiplier
set at factor 4
Table 9.
Instruction set for I2C-bus commands
I2C-bus
commands
Control byte
Command byte
I2C-bus
commands
[1]
Co[2] RS
000000
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com