Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 39Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 40Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 41Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 42Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 43Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 44Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 45Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 46Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
43 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
HBM: Human Body Model, according to JESD22-A114.
[2]
MM: Machine Model, according to JESD22-A115.
[3]
CDM: Charged-Device Model, according to JESD22-C101.
[4]
Latch-up testing, according to JESD78.
14. Static characteristics
Table 19.
Static characteristics
VDD1 = 1.8 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °Cto+85 °C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD1
supply voltage 1
logic supply
[1] 1.8
-
5.5
V
VDD2
supply voltage 2
VLCD generator supply;
internal VLCD generation
(VDD2 and VDD3 < VLCD)
2.2
-
4.0
V
VDD3
supply voltage 3
analog supply;
internal VLCD generation
(VDD2 and VDD3 < VLCD)
2.2
-
4.0
V
VLCD
LCD supply voltage
2.2
-
6.5
V
VPOR
power-on reset voltage
[1][2] 0.9
-
1.6
V
ISS
ground supply current
external VLCD; pins VSS1 and VSS2
[3]
Character mode; VLCD = 6.5 V;
VDD1 = 5.5 V; VDD2 =VDD3 =4V
-
70
120
µA
Character mode; VLCD =5V;
VDD1 =VDD2 =VDD3 =3V
[4] -45
80
µA
Icon mode; VLCD = 2.5 V;
VDD1 =VDD2 =VDD3 =3V
[4] -25
45
µA
internal VLCD; pins VSS1 and VSS2
[3][5]
Character mode; VLCD = 6.5 V;
VDD1 = 5.5 V; VDD2 =VDD3 = 2.2 V
-
190
400
µA
Character mode; VLCD =5V;
VDD1 =VDD2 =VDD3 =3V
[4] -
160
400
µA
Icon mode; VLCD = 2.5 V;
VDD1 =VDD2 =VDD3 = 2.5 V
[4] -
120
-
µA
Power-down mode; VLCD = 2.5 V;
VDD1 =VDD2 =VDD3 =3V;
pins RS, PD, R/W and DB7 to
DB0 = HIGH; in OSC = LOW
[3][4] -2
5
µA
Logic
Vi
input voltage
VSS1 − 0.5 -
VDD1 + 0.5 V
VIL
LOW-level input voltage on pin OSC
VSS1
-VDD1 − 1.2 V
on any other pin
VSS1
-
0.3VDD1
V
VIH
HIGH-level input
voltage
on pin OSC
VDD1 − 0.1 -
VDD1
V
on any other pin
0.7VDD1
-VDD1
V
IL
leakage current
VI =VDD1 or VSS1
−1-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com