Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 46Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 47Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 48Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 49Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
50 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
when combined with display shift operation. Since the display shift operation changes
display position only and the DDRAM contents remain unchanged, display data entered
first can be displayed when the ‘return home’ operation is performed.
Table 22.
8-bit operation, 1-line display example; using internal reset (character set ‘A’)
Step
Instruction
Display
Operation
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power supply on (PCF2113x is initialized by the internal
reset)
initialized; no display appears
2
function set
sets to 8-bit operation, selects 1-line
display and VLCD = VA
0000110000
3
display control
turns on display and cursor; entire
display is blank after initialization
0000001110
4
entry mode set
sets mode to increment the address
by 1 and to shift the cursor to the
right at the time of the write to the
DDRAM/CGRAM; display is not
shifted
0000000110
5
‘write data’ to CGRAM/DDRAM
writes ‘P’; the DDRAM has already
been selected by initialization at
power-on; the cursor is incremented
by 1 and shifted to the right
1001010000P
6
‘write data’ to CGRAM/DDRAM
writes ‘H’
1001001000PH
7 to 10
:
writes ‘ILIP’
:
11
‘write data’ to CGRAM/DDRAM
writes ‘S’
1
0
0
1
0
1
0
0
1
1
PHILIPS
12
entry mode set
sets mode for display shift at time of
write
0
0
0
0
0
0
0
1
1
1
PHILIPS
13
‘write data’ to CGRAM/DDRAM
writes space
1
0
0
0
1
0
0
0
0
0
HILIPS
14
‘write data’ to CGRAM/DDRAM
writes ‘M’
1
0
0
1
0
0
1
1
0
1
HILIPS M
15 to 19
:
writes ‘ICROK’
:
20
‘write data’ to CGRAM/DDRAM
writes ‘O’
1
0
0
1
0
0
1
1
1
1
MICROKO
21
cursor/display shift
shifts only the cursor position to the
left
0
0
0
0
0
1
0
0
0
0
MICROKO
22
cursor/display shift
shifts only the cursor position to the
left
0
0
0
0
0
1
0
0
0
0
MICROKO
23
‘write data’ to CGRAM/DDRAM
writes ‘C’ correction; the display
moves to the left
1001000011ICROCO
24
cursor/display shift
shifts the display and cursor to the
right
0
0
0
0
0
1
1
1
0
0
MICROCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com