Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 5Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 6Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 7Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 8Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 9Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 10Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 11Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 12Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
9 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
When the on-chip oscillator is used this pad must be connected to VDD1.
[2]
When VLCD is generated internally, pins VLCDIN, VLCDOUT and VLCDSENSE must be connected together. When an external VLCD is
supplied, this should be done via VLCDIN. In this case only pins VLCDOUT and VLCDSENSE must be connected together.
[3]
In the LQFP100 version this signal is connected internally and is not accessible.
[4]
When the I2C-bus is used, the parallel interface pin E must be LOW. In the I2C-bus read mode pins DB7 to DB0 must be connected to
VDD1 or left open-circuit.
When the parallel bus is used, the pins SCL and SDA must be connected to pin VSS1 or pin VDD1; they must not be left open-circuit.
When the 4-bit interface is used without reading out from the PCF2113x (bit R/W is set permanently to logic 0), the unused ports DB0 to
DB3 can either be connected to VSS1 or VDD1 instead of leaving them open-circuit.
[5]
DB7 may be used as the busy flag, signalling that internal operations are not yet completed. In 4-bit operations the four higher order
lines DB7 to DB4 are used; DB3 to DB0 must be left open-circuit except for I2C-bus operations (see Table note 4).
[6]
VDD2 and VDD3 must always be equal.
C1
77
O
86
−1630
1185
LCD column driver output
R8
78
O
87
−1630
1115
LCD row driver output
R7
79
O
88
−1630
1045
LCD row driver output
R6
80
O
89
−1630
975
LCD row driver output
R5
81
O
90
−1630
905
LCD row driver output
R4
82
O
91
−1630
835
LCD row driver output
R3
83
O
92
−1630
765
LCD row driver output
R2
84
O
93
−1630
695
LCD row driver output
R1
85
O
94
−1630
625
LCD row driver output
R17
86
O
95
−1630
555
LCD row driver output
SCL
87
I
96
−1630
375
I2C-bus serial clock input
[4]
SDA
88
I/O
97
−1630
305
I2C-bus serial data input/output
[4]
E89
I
98
−1630
85
data bus clock input
[4]
RS
90
I
99
−1630
−15
register select input
R/W
91
I
100
−1630
−115
read or write input
DB7
92
I/O
101
−1630
−215
8-bit bidirectional bus bit 7
[5]
DB6
93
I/O
102
−1630
−315
8-bit bidirectional bus bit 6
DB5
94
I/O
103
−1630
−415
8-bit bidirectional bus bit 5
DB4
95
I/O
104
−1630
−515
8-bit bidirectional bus bit 4
DB3/SA0
96
I/O
105
−1630
−615
8-bit bidirectional bus bit 3 or I2C-bus
address input
[4][5]
DB2
97
I/O
106
−1630
−715
8-bit bidirectional bus bit 2
DB1
98
I/O
107
−1630
−815
8-bit bidirectional bus bit 1
DB0
99
I/O
108
−1630
−915
8-bit bidirectional bus bit 0
VDD2
100
P
109
−1630
−1015
supply voltage 2 for VLCD generator
[6]
VDD3
-
P
110
−1630
−1235
supply voltage 3 for VLCD generator
[3][6]
dummy pad 7
-
-
111
−1630
−1395
-
dummy pad 8
-
-
112
−1465
−1550
-
Table 5.
Pin and bonding pad description …continued
All x/y coordinates represent the position of the center of each pad with respect to the center (x/y = 0) of the chip (see
Figure 3).
Symbol
Pin
Type
Pad
X (
µm)
Y (
µm)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com