Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 8Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 9Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 10Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 11Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 12Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 13Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 14Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 15Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
12 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
8.8 Address counter
The Address Counter (AC) assigns addresses to the DDRAM and CGRAM for reading
and writing and is set by the commands ‘set DDRAM address’ and ‘set CGRAM address’.
After a read/write operation the address counter is automatically incremented or
decremented by 1. The address counter contents are output to the bus (DB6 to DB0)
when bit RS = 0 and bit R/W=1.
8.9 Display data RAM
The Display Data RAM (DDRAM) stores up to 80 characters of display data represented
by 8-bit character codes. RAM locations which are not used for storing display data can be
used as general purpose RAM. The basic RAM to display addressing scheme is shown in
Figure 4. With no display shift the characters represented by the codes in the first 24 RAM
locations starting at address 00h in line 1 are displayed. Figure 5 and Figure 6 show the
display mapping for right and left shift respectively.
When data is written to or read from the DDRAM, wrap-around occurs from the end of one
line to the start of the next line. When the display is shifted each line wraps around within
itself, independently of the others. Thus all lines are shifted and wrapped around together.
The address ranges and wrap-around operations for the various modes are shown in
Table 7.
Fig 4.
DDRAM to display mapping: no shift
Fig 5.
DDRAM to display mapping: right shift
00 01 02 03 04
15 16 17 18 19
4C 4D 4E 4F
non-displayed DDRAM addresses
64 65 66 67
40 41 42 43 44
49 4A 4B 4C 4D
00 01 02 03 04
09 0A 0B 0C 0D
24 25 26 27
non-displayed DDRAM address
line 1
line 2
mge991
DDRAM
address
2-line display
12345
22 23 24
12345
10 11 12
12345
10 11 12
display
position
DDRAM
address
1-line display
mge992
27 00 01 02 03
67 40 41 42 43
08 09 0A
48 49 4A
DDRAM
address
line 1
line 2
2-line display
1
2
3
4
5
22 23 24
1
2
3
4
5
10 11 12
1
2
3
4
5
10 11 12
4F 00 01 02 03
14 15 16
display
position
DDRAM
address
1-line display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com