Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 38Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 39Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 40Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 41Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 42Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 43Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 44Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 45Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
42 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
13. Limiting values
OSC
2
PD
3
T1
5
T2
6
T3
4
E98
RS
99
R/W
100
DB0 to DB7
108 to 101
R1 to R8
94 to 87
R9 to R16
12 to 19
R17
95
R18
20
C1 to C2
86 to 85
C3 to C27
82 to 58
C28 to C52
55 to 31
C53 to C60
28 to 21
Table 17.
Device protection circuits …continued
Symbol
Pad
Internal circuit
VSS1
mgu199
VDD1
VSS1
mgu197
VLCDOUT
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
logic supply
−0.5
+5.5
V
VDD2
supply voltage 2
VLCD generator supply
−0.5
+4.0
V
VDD3
supply voltage 3
analog supply
−0.5
+4.0
V
VLCD
LCD supply voltage
−0.5
+6.5
V
Vi(n)
voltage on any input
VDD related inputs
−0.5
+5.5
V
Vo(n)
voltage on any output
VLCD related outputs
−0.5
+6.5
V
II
input current
DC level
−10
+10
mA
IO
output current
DC level
−10
+10
mA
IDD
supply current
on pins VDD1, VDD2, VDD3
-
+50
mA
ISS
ground supply current
on pins VSS1 and VSS2
-
−50
mA
IDD(LCD)
LCD supply current
-
+50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
Vesd
electrostatic discharge
voltage
HBM
[1] -
±2000 V
MM
[2] -
±200
V
CDM
[3] -
±2000 V
Ilu
latch-up current
[4] -
100
mA
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com