Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 48Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 49Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 50Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 51Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 55Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
52 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
16.5 8-bit operation, 2-line display
For a 2-line display the cursor automatically moves from the first to the second line after
the 40th digit of the first line has been written. Thus, if there are only 8 characters in the
first line, the DDRAM address must be set after the 8th character is completed (see
Table 24). It should be noted that both lines of the display are always shifted together;
data does not shift from one line to the other.
15
‘write data’ to CGRAM/DDRAM
writes ‘P’; the cursor is incremented
by 1 and shifted to the right
1
0
01010000P
16
‘write data’ to CGRAM/DDRAM
writes ‘H’
1
0
01001000PH
17
:
writes ‘ILIPS’
:
22
return home
returns both display and cursor to
the original position (address 0)
0
0
00000010
PHILIPS
Table 23.
8-bit operation, 1-line display and icon example; using internal reset (character set ‘A’) …continued
Step
Instruction
Display
Operation
RS
R/W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Table 24.
8-bit operation, 2-line display example; using internal reset
Step
Instruction
Display
Operation
RS
R/W
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1
power supply on (PCF2113x is initialized by the internal reset)
initialized; no display appears
2
function set
sets to 8-bit operation, selects
1-line display and VLCD = VA
0
0
00110100
3
display control
turns on display and cursor;
entire display is blank after
initialization
0
0
00001110
4
entry mode set
sets mode to increment the
address by 1 and to shift the
cursor to the right at the time of
the write to the DDRAM/CGRAM;
display is not shifted
0
0
00000110
5
‘write data’ to CGRAM/DDRAM
writes ‘P’; the DDRAM has
already been selected by
initialization at power-on; the
cursor is incremented by 1 and
shifted to the right
1
0
01010000P
6 to 10
:
writes ‘HILIP’
:
11
‘write data’ to CGRAM/DDRAM
writes ‘S’
1
0
01010011
PHILIPS
12
sets DDRAM address
sets DDRAM to position the
cursor at the start of the 2nd line
0
0
11000000
PHILIPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com