Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 52Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 53Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 54Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 55Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 56Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 57Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 58Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 59Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
56 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
X = not relevant.
11
0000000001
clear display
12
00000001I/D
S
entry mode set
:
13
initialization ends
Table 26.
Initialization by instruction, 8-bit interface [1] …continued
Step
Instruction
Description
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Table 27.
Initialization by instruction, 4-bit interface; not applicable for I2C-bus operation
Step
Instruction
Description
1
internal reset
:
starting from power-on or unknown state
:
2
wait 2 ms
:
:
3RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
0
0
0
0
1
1
function set (interface is 8 bit long)
4
wait 2 ms
:
:
5RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
0
0
0
0
1
1
function set (interface is 8 bit long)
6
wait more than 40
µs:
:
7RS
R/W
DB7
DB6
DB5
DB4
BF cannot be checked before this instruction
0
0
0
0
1
1
function set (interface is 8 bit long)
8
:
BF can be checked after the following instructions; when BF is
not checked the waiting time between instructions is the specified
instruction time (see Table 10)
:
9RS
R/W
DB7
DB6
DB5
DB4
function set (set interface to 4 bit long)
0
0
0
0
1
0
interface is 8 bit long
10
0
0
0
0
1
0
function set (interface is 4 bit long)
0
0
0
M
0
H
specify number of display lines
11
000000
0
0
1
0
0
0
display off
12
000000
0
0
0
0
0
1
clear display
13
000000
0
0
0
1
I/D
S
entry mode set
:
14
initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com