Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DU/F4 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2113DU/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DU/F4 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2113DU/F4 Datasheet HTML 23Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 24Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 25Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 26Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 27Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 28Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 29Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 30Page - NXP Semiconductors PCF2113DU/F4 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
27 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
9.1 Clear display
‘Clear display’ writes character code 20h into all DDRAM addresses (the character pattern
for character code 20h must be a blank pattern), sets the DDRAM address counter to 0
and returns the display to its original position, if it was shifted. Thus, the display
disappears and the cursor or blink position goes to the left edge of the display. Sets entry
mode I/D = 1 (increment mode). S of entry mode does not change.
The instruction ‘clear display’ requires extra execution time. This may be allowed by
checking the Busy Flag (BF) or by waiting until the 165 clock cycles have elapsed.
The latter must be applied where no read-back options are foreseen, as in some
Chip-On-Glass (COG) applications.
Table 11.
Explanation of symbols
Bit
Logic 0
Logic 1
Co
last control byte
another control byte follows after
data/command
RS
select instruction register
select data register
DL
data length: 4 bits
data length: 8 bits
M (no impact if SL = 1)
1 line
× 24 character display
2 line
× 12 character display
SL
MUX 1:18 (1 line
× 24 character
or 2 line
× 12 character display)
MUX 1:9 (1 line
× 12 character
display)
H
use basic instruction set
use extended instruction set
I/D
decrement
increment
S
display freeze
display shift
D
display off
display on
C
cursor off
cursor on
B
cursor character blink off;
character at cursor position does
not blink
cursor character blink on;
character at cursor position blinks
S/C
cursor move
display shift
R/L
left shift
right shift
L (no impact if M = 1 or
SL = 1)
left/right screen;
standard connection
left/right screen;
mirrored connection
1st 12 characters of 24;
columns are from 1 to 60
1st 12 characters of 24;
columns are from 60 to 1
2nd 12 characters of 24;
columns are from 1 to 60
2nd 12 characters of 24;
columns are from 60 to 1
P
column data; left to right; column
data is displayed from 1 to 60
column data; right to left; column
data is displayed from 60 to 1
Q
row data; top to bottom; row data
is displayed from 1 to 16 and icon
row data is in 17 and 18
row data; top to bottom; row data
is displayed from 16 to 1 and icon
row data is in 18 and 17
IM
Character mode; full display
Icon mode; only icons displayed
IB
icon blink disabled
icon blink enabled
DM
Direct mode disabled
Direct mode enabled
V
set VA
set VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com