Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 22Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 23Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 24Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 25Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 26Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 27Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 28Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 29Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
26 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
The parallel interface timing diagram for the 6800 series is given in Section 16.1,
Figure 39 and Figure 40. The timing diagrams differ because in Figure 39 the clock is
connected to the enable (E) input. In Figure 40 the clock is connected to the chip enable
input (SCE) and the enable input (E) is tied HIGH.
10. Serial interfacing (SPI and serial interface)
Communication with the microcontroller can also occur via a clock-synchronized Serial
Peripheral Interface (SPI). It is possible to select between either a 3-line (SPI or serial
interface) or a 4-line serial peripheral interface. Selection is achieved via PS[2:0];
see Section 7.1.12).
10.1 Serial peripheral interface lines
The serial peripheral interface is a 3-line or 4-line interface for communication between
the microcontroller and the LCD driver chip. The 3 lines are:
• SCE (chip enable)
• SCLK (serial clock)
• SDATA (serial data)
For the 4-line serial peripheral interface a separate D/C line is added.
The PCF8811 is connected to the serial data I/O (SDA) of the microcontroller by
connecting the two pads SDATA (data input) and SDO (data output) together.
10.1.1 Write mode
The display data/command indication may be controlled either via software or the D/C
select pad. When the D/C pad is used, display data is transmitted when D/C is HIGH, and
command data is transmitted when D/CisLOW;see Figure 15 and Figure 16. When pad
D/C is not used, the display data length instruction is used to indicate that a specific
number of display data bytes (1 to 255) are to be transmitted; see Figure 17. The next
byte after the display data string is handled as an instruction command.
When the 3-line SPI interface is used, the display data/command is controlled by software.
If SCE is pulled HIGH during a serial display data stream, the interrupted byte is invalid
data but all previously transmitted data is valid. The next byte received will be handled as
an instruction command; see Figure 18.
Table 8.
6800 series parallel interface functions
D/C
R/W/WR
Operation
0
0
command data write
0
1
read status register
1
0
display data write
1
1
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com