Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 61Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 62Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 63Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 64Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 65Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 66Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
64 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
16.3 I2C-bus interface timing characteristics
[1]
All specified timings are based on 20 % and 80 % of VDD.
Fig 44. Serial interface timing; 3-line serial interface (read mode)
001aai354
t4
t3
t1
tH1
tS1
SCE
SCLK
SDO
SDATA
Table 34.
I2C-bus characteristics; F/S-mode
VDD1 = 1.8 V to 3.3 V; VSS = 0 V; VLCD ≤ 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified[1]; see Figure 45.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
-
400
kHz
tSU;STA
set-up time for a repeated START condition
600
-
-
ns
tHD;STA
hold time (repeated) START condition
600
-
-
ns
tLOW
LOW period of the SCL clock
1300
-
-
ns
tHIGH
HIGH period of the SCL clock
600
-
-
ns
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
900
ns
tr
rise time of both SDA and SCL signals
20 + 0.1Cb -
300
ns
tf
fall time of both SDA and SCL signals
20 + 0.1Cb -
300
ns
Cb
capacitive load for each bus line
-
-
400
pF
tSU;STO
set-up time for STOP condition
600
-
-
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
-
50
ns
tBUF
bus free time between a STOP and START
condition
1300
-
-
ns
VnL
noise margin at the LOW level
for each connected device
(including hysteresis)
0.1VDD1
--
V
VnH
noise margin at the HIGH level
for each connected device
(including hysteresis)
0.2VDD1
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com